Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 157 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 157 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 153Page - Microchip Technology T0XCS Datasheet HTML 154Page - Microchip Technology T0XCS Datasheet HTML 155Page - Microchip Technology T0XCS Datasheet HTML 156Page - Microchip Technology T0XCS Datasheet HTML 157Page - Microchip Technology T0XCS Datasheet HTML 158Page - Microchip Technology T0XCS Datasheet HTML 159Page - Microchip Technology T0XCS Datasheet HTML 160Page - Microchip Technology T0XCS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 157
PIC16(L)F1946/47
14.0 FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference, or FVR, is a stable
voltage reference, independent of VDD, with 1.024V,
2.048V or 4.096V selectable output levels. The output
of the FVR can be configured to supply a reference
voltage to the following:
• ADC input channel
• ADC positive reference
• Comparator positive input
• Comparator negative input
• Digital-to-Analog Converter (DAC)
• Capacitive Sensing (CPS) module
• LCD bias generator
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
14.1
Independent Gain Amplifiers
The output of the FVR supplied to the ADC,
Comparators, DAC and CPS module is routed through
two independent programmable gain amplifiers. Each
amplifier can be configured to amplify the reference
voltage by 1x, 2x or 4x, to produce the three possible
voltage levels.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence Section 16.0 “Analog-to-Digital Converter
(ADC) Module”
for additional information.
The CDAFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the Comparators, DAC
and CPS module. Reference Section 17.0 “Digital-to-
Analog Converter (DAC) Module”, Section 18.0
“Comparator Module” and Section 26.0 “Capacitive
Sensing (CPS) Module”
for additional information.
14.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRRDY bit of the FVRCON register will be set. See
Section 30.0 “Electrical Specifications”
for the
minimum delay requirement.
FIGURE 14-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
ADFVR<1:0>
CDAFVR<1:0>
X
1
X
2
X
4
X
1
X
2
X
4
2
2
FVR BUFFER1
(To ADC Module)
FVR BUFFER2
(To Comparators, DAC, CPS)
FVR VREF
(To LCD Bias Generator)
+
_
FVREN
FVRRDY
1.024V Fixed
Reference
Any peripheral requiring the
Fixed Reference
(See Table 14-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com