Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 153 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 153 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 149Page - Microchip Technology T0XCS Datasheet HTML 150Page - Microchip Technology T0XCS Datasheet HTML 151Page - Microchip Technology T0XCS Datasheet HTML 152Page - Microchip Technology T0XCS Datasheet HTML 153Page - Microchip Technology T0XCS Datasheet HTML 154Page - Microchip Technology T0XCS Datasheet HTML 155Page - Microchip Technology T0XCS Datasheet HTML 156Page - Microchip Technology T0XCS Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 153
PIC16(L)F1946/47
13.0 INTERRUPT-ON-CHANGE
The PORTB pins can be configured to operate as
Interrupt-On-Change (IOC) pins. An interrupt can be
generated by detecting a signal that has either a rising
edge or a falling edge. Any individual PORTB pin, or
combination of PORTB pins, can be configured to
generate an interrupt. The interrupt-on-change module
has the following features:
• Interrupt-on-change enable (Master Switch)
• Individual pin configuration
• Rising and falling edge detection
• Individual pin interrupt flags
Figure 13-1 is a block diagram of the IOC module.
13.1
Enabling the Module
To allow individual PORTB pins to generate an interrupt,
the IOCIE bit of the INTCON register must be set. If the
IOCIE bit is disabled, the edge detection on the pin will
still occur, but an interrupt will not be generated.
13.2
Individual Pin Configuration
For each PORTB pin, a rising edge detector and a falling
edge detector are present. To enable a pin to detect a
rising edge, the associated IOCBPx bit of the IOCBP
register is set. To enable a pin to detect a falling edge,
the associated IOCBNx bit of the IOCBN register is set.
A pin can be configured to detect rising and falling
edges simultaneously by setting both the IOCBPx bit
and the IOCBNx bit of the IOCBP and IOCBN registers,
respectively.
13.3
Interrupt Flags
The IOCBFx bits located in the IOCBF register are
status flags that correspond to the Interrupt-on-change
pins of PORTB. If an expected edge is detected on an
appropriately enabled pin, then the status flag for that pin
will be set, and an interrupt will be generated if the IOCIE
bit is set. The IOCIF bit of the INTCON register reflects
the status of all IOCBFx bits.
13.4
Clearing Interrupt Flags
The individual status flags, (IOCBFx bits), can be
cleared by resetting them to zero. If another edge is
detected during this clearing operation, the associated
status flag will be set at the end of the sequence,
regardless of the value actually being written.
In order to ensure that no detected edge is lost while
clearing flags, only AND operations masking out known
changed bits should be performed. The following
sequence is an example of what should be performed.
EXAMPLE 13-1:
CLEARING INTERRUPT
FLAGS
(PORTA EXAMPLE)
13.5
Operation in Sleep
The interrupt-on-change interrupt sequence will wake
the device from Sleep mode, if the IOCIE bit is set.
If an edge is detected while in Sleep mode, the IOCBF
register will be updated prior to the first instruction
executed out of Sleep.
MOVLW
0xff
XORWF
IOCAF, W
ANDWF
IOCAF, F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com