Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 149 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 149 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 145Page - Microchip Technology T0XCS Datasheet HTML 146Page - Microchip Technology T0XCS Datasheet HTML 147Page - Microchip Technology T0XCS Datasheet HTML 148Page - Microchip Technology T0XCS Datasheet HTML 149Page - Microchip Technology T0XCS Datasheet HTML 150Page - Microchip Technology T0XCS Datasheet HTML 151Page - Microchip Technology T0XCS Datasheet HTML 152Page - Microchip Technology T0XCS Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 149
PIC16(L)F1946/47
12.16 Register Definitions: PORTG
REGISTER 12-24: PORTG: PORTG REGISTER
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
—
—
RG5
RG4
RG3
RG2
RG1
RG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’.
bit 5-0
RG<5:0>: PORTG General Purpose I/O Pin bits
1 = Port pin is > VIH
0 = Port pin is < VIL
REGISTER 12-25: TRISG: PORTG TRI-STATE REGISTER
U-0
U-0
R-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
—
—
TRISG5
TRISG4
TRISG3
TRISG2
TRISG1
TRISG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’.
bit 5
TRISG5: PORTG Tri-State Control bit
This bit (RG5 pin) is an input only and always read as ‘1’.
bit 4-0
TRISG<4:0>: PORTG Tri-State Control bits
1 = PORTG pin configured as an input (tri-stated)
0 = PORTG pin configured as an output
REGISTER 12-26: LATG: PORTG DATA LATCH REGISTER
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
—
—
LATG5
LATG4
LATG3
LATG2
LATG1
LATG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’.
bit 5-0
LATG<5:0>: PORTG Output Latch Value bits
Note 1:
Writes to PORTG are actually written to corresponding LATG register. Reads from PORTG register is return of actual
I/O pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com