Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 151 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 151 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 147Page - Microchip Technology T0XCS Datasheet HTML 148Page - Microchip Technology T0XCS Datasheet HTML 149Page - Microchip Technology T0XCS Datasheet HTML 150Page - Microchip Technology T0XCS Datasheet HTML 151Page - Microchip Technology T0XCS Datasheet HTML 152Page - Microchip Technology T0XCS Datasheet HTML 153Page - Microchip Technology T0XCS Datasheet HTML 154Page - Microchip Technology T0XCS Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 151
PIC16(L)F1946/47
TABLE 12-17: SUMMARY OF REGISTERS ASSOCIATED WITH PORTG
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
168
ANSELG
—
—
—
ANSG4
ANSG3
ANSG2
ANSG1
—
150
CCPxCON
PxM<1:0>(1)
DCxB<1:0>
CCPxM<3:0>
238
CMOUT
—
—
—
—
—MC3OUT
MC2OUT
MC1OUT
186
CM1CON1
C1INTP
C1INTN
C1PCH1
C1PCH0
—
—
C1NCH<1:0>
186
CM2CON1
C2INTP
C2INTN
C2PCH1
C2PCH0
—
—
C2NCH<1:0>
186
CPSCON0
CPSON
CPSRM
—
—
CPSRNG<1:0>
CPSOUT
T0XCS
333
CPSCON1
—
—
—
—
CPSCH<3:0>
334
LATG
—
—
—
LATG4
LATG3
LATG2
LATG1
LATG0
149
LCDCON
LCDEN
SLPEN
WERR
—
CS<1:0>
LMUX<1:0>
337
LCDSE5
—
—
SE45
SE44
SE43
SE42
SE41
SE40
341
PORTG
—
—
RG5
RG4
RG3
RG2
RG1
RG0
149
TRISG
—
—
TRISG5
TRISG4
TRISG3
TRISG2
TRISG1
TRISG0
149
WPUG
—
—WPUG5
—
—
—
—
—
150
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTG.
Note 1:
Applies to ECCP modules only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com