Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 163 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 163 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 159Page - Microchip Technology T0XCS Datasheet HTML 160Page - Microchip Technology T0XCS Datasheet HTML 161Page - Microchip Technology T0XCS Datasheet HTML 162Page - Microchip Technology T0XCS Datasheet HTML 163Page - Microchip Technology T0XCS Datasheet HTML 164Page - Microchip Technology T0XCS Datasheet HTML 165Page - Microchip Technology T0XCS Datasheet HTML 166Page - Microchip Technology T0XCS Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 163
PIC16(L)F1946/47
16.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Result formatting
16.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated
TRIS
and
ANSEL
bits.
Refer
to
Section 12.0 “I/O Ports”
for more information.
16.1.2
CHANNEL SELECTION
There are 20 selections available:
• AN<16:0> pins
• Temperature Indicator
• DAC Output
• FVR (Fixed Voltage Reference) Output
Refer to Section 15.0 “Temperature Indicator Mod-
ule”, Section 17.0 “Digital-to-Analog Converter
(DAC) Module”
and Section 14.0 “Fixed Voltage
Reference (FVR)” for more information on these chan-
nel selections.
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 16.2
“ADC Operation” for more information.
16.1.3
ADC VOLTAGE REFERENCE
The ADPREF bit of the ADCON1 register provides
control of the positive voltage reference. The positive
voltage reference can be:
•VREF+ pin
•VDD
The ADNREF bit of the ADCON1 register provides
control of the negative voltage reference. The negative
voltage reference can be:
•VREF- pin
•VSS
See Section 14.0 “Fixed Voltage Reference (FVR)”
for more details on the fixed voltage reference.
16.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON1 register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11.5 TAD peri-
ods as shown in Figure 16-2.
For correct conversion, the appropriate TAD specifica-
tion must be met. Refer to the A/D conversion require-
ments in Section 30.0 “Electrical Specifications” for
more information. Table 16-1 gives examples of appro-
priate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input buf-
fer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com