Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 167 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 167 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 163Page - Microchip Technology T0XCS Datasheet HTML 164Page - Microchip Technology T0XCS Datasheet HTML 165Page - Microchip Technology T0XCS Datasheet HTML 166Page - Microchip Technology T0XCS Datasheet HTML 167Page - Microchip Technology T0XCS Datasheet HTML 168Page - Microchip Technology T0XCS Datasheet HTML 169Page - Microchip Technology T0XCS Datasheet HTML 170Page - Microchip Technology T0XCS Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 167
PIC16(L)F1946/47
16.3.2
A/D CONVERSION PROCEDURE
This is an example procedure for using the ADC to
perform an Analog-to-Digital conversion:
1.
Configure Port:
• Disable pin output driver (Refer to the TRIS
register)
• Configure pin as analog (Refer to the ANSEL
register)
2.
Configure the ADC module:
• Select ADC conversion clock
• Configure voltage reference
• Select ADC input channel
• Turn on ADC module
3.
Configure ADC interrupt (optional):
• Clear ADC interrupt flag
• Enable ADC interrupt
• Enable peripheral interrupt
• Enable global interrupt(1)
4.
Wait the required acquisition time(2).
5.
Start conversion by setting the GO/DONE bit.
6.
Wait for ADC conversion to complete by one of
the following:
• Polling the GO/DONE bit
• Waiting for the ADC interrupt (interrupts
enabled)
7.
Read ADC Result.
8.
Clear the ADC interrupt flag (required if interrupt
is enabled).
EXAMPLE 16-1:
A/D CONVERSION
Note 1:
The global interrupt can be disabled if the
user is attempting to wake-up from Sleep
and resume in-line code execution.
2:
Refer to Section 16.5 “A/D Acquisition
Requirements”
.
;This code block configures the ADC
;for polling, Vdd and Vss references, Frc
;clock and AN0 input.
;
;Conversion start & polling for completion
; are included.
;
BANKSEL
ADCON1
;
MOVLW
B’11110000’ ;Right justify, Frc
;clock
MOVWF
ADCON1
;Vdd and Vss Vref
BANKSEL
TRISA
;
BSF
TRISA,0
;Set RA0 to input
BANKSEL
ANSEL
;
BSF
ANSEL,0
;Set RA0 to analog
BANKSEL
ADCON0
;
MOVLW
B’00000001’ ;Select channel AN0
MOVWF
ADCON0
;Turn ADC On
CALL
SampleTime
;Acquisiton delay
BSF
ADCON0,ADGO ;Start conversion
BTFSC
ADCON0,ADGO ;Is conversion done?
GOTO
$-1
;No, test again
BANKSEL
ADRESH
;
MOVF
ADRESH,W
;Read upper 2 bits
MOVWF
RESULTHI
;store in GPR space
BANKSEL
ADRESL
;
MOVF
ADRESL,W
;Read lower 8 bits
MOVWF
RESULTLO
;Store in GPR space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com