Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 182 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 182 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 178Page - Microchip Technology T0XCS Datasheet HTML 179Page - Microchip Technology T0XCS Datasheet HTML 180Page - Microchip Technology T0XCS Datasheet HTML 181Page - Microchip Technology T0XCS Datasheet HTML 182Page - Microchip Technology T0XCS Datasheet HTML 183Page - Microchip Technology T0XCS Datasheet HTML 184Page - Microchip Technology T0XCS Datasheet HTML 185Page - Microchip Technology T0XCS Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 182
 2010-2012 Microchip Technology Inc.
18.3
Comparator Hysteresis
A selectable amount of separation voltage can be
added to the input pins of each comparator to provide a
hysteresis function to the overall operation. Hysteresis
is enabled by setting the CxHYS bit of the CMxCON0
register.
See Section 30.0 “Electrical Specifications” for
more information.
18.4
Timer1 Gate Operation
The output resulting from a comparator operation can
be used as a source for gate control of Timer1. See
Section 21.6 “Timer1 Gate”
for more information.
This feature is useful for timing the duration or interval
of an analog event.
It is recommended that the comparator output be syn-
chronized to Timer1. This ensures that Timer1 does not
increment while a change in the comparator is occur-
ring.
18.4.1
COMPARATOR OUTPUT
SYNCHRONIZATION
The output from a comparator can be synchronized
with Timer1 by setting the CxSYNC bit of the
CMxCON0 register.
Once enabled, the comparator output is latched on the
falling edge of the Timer1 source clock. If a prescaler is
used with Timer1, the comparator output is latched after
the prescaling function. To prevent a race condition, the
comparator output is latched on the falling edge of the
Timer1 clock source and Timer1 increments on the
rising edge of its clock source. See the Comparator
Block Diagram (Figure 18-2) and the Timer1 Block
Diagram (Figure 21-1) for more information.
18.5
Comparator Interrupt
An interrupt can be generated upon a change in the
output value of the comparator for each comparator, a
rising edge detector and a Falling edge detector are
present.
When either edge detector is triggered and its associ-
ated enable bit is set (CxINTP and/or CxINTN bits of
the CMxCON1 register), the Corresponding Interrupt
Flag bit (CxIF bit of the PIR2 register) will be set.
To enable the interrupt, you must set the following bits:
• CxON, CxPOL and CxSP bits of the CMxCON0
register
• CxIE bit of the PIE2 register
• CxINTP bit of the CMxCON1 register (for a rising
edge detection)
• CxINTN bit of the CMxCON1 register (for a falling
edge detection)
• PEIE and GIE bits of the INTCON register
The associated interrupt flag bit, CxIF bit of the PIR2
register, must be cleared in software. If another edge is
detected while this flag is being cleared, the flag will still
be set at the end of the sequence.
18.6
Comparator Positive Input
Selection
Configuring the CxPCH<1:0> bits of the CMxCON1
register directs an internal voltage reference or an
analog pin to the non-inverting input of the comparator:
• CxIN+ analog pin
• DAC output
• FVR (Fixed Voltage Reference)
•VSS (Ground)
See Section 14.0 “Fixed Voltage Reference (FVR)”
for more information on the Fixed Voltage Reference
module.
See Section 17.0 “Digital-to-Analog Converter
(DAC) Module” for more information on the DAC input
signal.
Any time the comparator is disabled (CxON = 0), all
comparator inputs are disabled.
Note:
Although a comparator is disabled, an
interrupt can be generated by changing
the output polarity with the CxPOL bit of
the CMxCON0 register, or by switching
the comparator on or off with the CxON bit
of the CMxCON0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com