Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 183 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 183 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 179Page - Microchip Technology T0XCS Datasheet HTML 180Page - Microchip Technology T0XCS Datasheet HTML 181Page - Microchip Technology T0XCS Datasheet HTML 182Page - Microchip Technology T0XCS Datasheet HTML 183Page - Microchip Technology T0XCS Datasheet HTML 184Page - Microchip Technology T0XCS Datasheet HTML 185Page - Microchip Technology T0XCS Datasheet HTML 186Page - Microchip Technology T0XCS Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 183
PIC16(L)F1946/47
18.7
Comparator Negative Input
Selection
The CxNCH<1:0> bits of the CMxCON0 register direct
one of four analog pins to the comparator inverting
input.
18.8
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the comparator
differs from the settling time of the voltage reference.
Therefore, both of these times must be considered when
determining the total response time to a comparator
input change. See the Comparator and Voltage Refer-
ence Specifications in Section 30.0 “Electrical Speci-
fications” for more details.
18.9
Interaction with ECCP Logic
The comparators can be used as general purpose
comparators. Their outputs can be brought out to the
CxOUT pins. When the ECCP Auto-Shutdown is
active it can use one or both comparator signals. If
auto-restart is also enabled, the comparators can be
configured as a closed loop analog feedback to the
ECCP, thereby, creating an analog controlled PWM.
18.10 Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 18-3. Since the analog input pins share their
connection with a digital input, they have reverse
biased ESD protection diodes to VDD and VSS. The
analog input, therefore, must be between VSS and VDD.
If the input voltage deviates from this range by more
than 0.6V in either direction, one of the diodes is for-
ward biased and a latch-up may occur.
A maximum source impedance of 10 k
 is recommended
for the analog sources. Also, any external component
connected to an analog input pin, such as a capacitor or
a Zener diode, should have very little leakage current to
minimize inaccuracies introduced.
Note:
To use CxIN+ and CxINx- pins as analog
input, the appropriate bits must be set in
the ANSEL register and the correspond-
ing TRIS bits must also be set to disable
the output drivers.
Note:
When the Comparator module is first
initialized the output state is unknown.
Upon initialization, the user should verify
the output state of the comparator prior to
relying on the result, primarily when using
the result in connection with other
peripheral features, such as the ECCP
Auto-Shutdown mode.
Note 1:
When reading a PORT register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert as an analog input, according to
the input specification.
2:
Analog levels on any pin defined as a
digital input, may cause the input buffer to
consume more current than is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com