Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
2-28
Architecture
MachXO2 Family Data Sheet
Figure 2-20. Embedded Function Block Interface
Hardened I
2C IP Core
Every MachXO2 device contains two I
2C IP cores. These are the primary and secondary I2C IP cores. Either of the
two cores can be configured either as an I
2C master or as an I2C slave. The only difference between the two IP
cores is that the primary core has pre-assigned I/O pins whereas users can assign I/O pins for the secondary core.
When the IP core is configured as a master it will be able to control other devices on the I
2C bus through the inter-
face. When the core is configured as the slave, the device will be able to provide I/O expansion to an I
2C Master.
The I
2C cores support the following functionality:
• Master and Slave operation
• 7-bit and 10-bit addressing
• Multi-master arbitration support
• Clock stretching
• Up to 400 KHz data transfer speed
• General call support
• Interface to custom logic through 8-bit WISHBONE interface
Embedded Function Block (EFB)
Core
Logic/
Routing
EFB
WISHBONE
Interface
I2C (Primary)
I2C (Secondary)
SPI
Timer/Counter
PLL0
PLL1
Configuration
Logic
UFM
I/Os for I2C
(Primary)
I/Os for SPI
I/Os for I2C
(Secondary)
Indicates connection
through core logic/routing.
Power
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com