Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 66Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 67Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
3-25
DC and Switching Characteristics
MachXO2 Family Data Sheet
tHPLL
Clock to Data Hold - PIO Input
Register
MachXO2-1200ZE
0.66
—
0.68
—
0.80
—
ns
MachXO2-2000ZE
0.68
—
0.70
—
0.83
—
ns
MachXO2-4000ZE
0.68
—
0.71
—
0.84
—
ns
MachXO2-7000ZE
0.73
—
0.74
—
0.87
—
ns
tSU_DELPLL
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-1200ZE
5.14
—
5.69
—
6.20
—
ns
MachXO2-2000ZE
5.11
—
5.67
—
6.17
—
ns
MachXO2-4000ZE
5.27
—
5.84
—
6.35
—
ns
MachXO2-7000ZE
5.15
—
5.71
—
6.23
—
ns
tH_DELPLL
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-1200ZE
-1.36
—
-1.36
—
-1.36
—
ns
MachXO2-2000ZE
-1.35
—
-1.35
—
-1.35
—
ns
MachXO2-4000ZE
-1.43
—
-1.43
—
-1.43
—
ns
MachXO2-7000ZE
-1.41
—
-1.41
—
-1.41
—
ns
Generic DDRX1 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX1_RX.SCLK.Aligned
9
tDVA
Input Data Valid After CLK
All MachXO2
devices, all sides
—
0.382
—
0.401
—
0.417
UI
tDVE
Input Data Hold After CLK
0.670
—
0.684
—
0.693
—
UI
fDATA
DDRX1 Input Data Speed
—
140
—
116
—
98
Mbps
fDDRX1
DDRX1 SCLK Frequency
—
70
—
58
—
49
MHz
Generic DDRX1 Inputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX1_RX.SCLK.Centered
9
tSU
Input Data Setup Before CLK
All MachXO2
devices, all sides
1.319
—
1.412
—
1.462
—
ns
tHO
Input Data Hold After CLK
0.717
—
1.010
—
1.340
—
ns
fDATA
DDRX1 Input Data Speed
—
140
—
116
—
98
Mbps
fDDRX1
DDRX1 SCLK Frequency
—
70
—
58
—
49
MHz
Generic DDRX2 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX2_RX.ECLK.Aligned
9
tDVA
Input Data Valid After CLK
MachXO2-640U,
MachXO2-1200/U
and larger devices,
bottom side only
—
0.361
—
0.346
—
0.334
UI
tDVE
Input Data Hold After CLK
0.602
—
0.625
—
0.648
—
UI
fDATA
DDRX2 Serial Input Data
Speed
—280
—234
—194
Mbps
fDDRX2
DDRX2 ECLK Frequency
—
140
—
117
—
97
MHz
fSCLK
SCLK Frequency
—
70
—
59
—
49
MHz
Generic DDRX2 Inputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX2_RX.ECLK.Centered
9
tSU
Input Data Setup Before CLK
MachXO2-640U,
MachXO2-1200/U
and larger devices,
bottom side only
0.472
—
0.672
—
0.865
—
ns
tHO
Input Data Hold After CLK
0.363
—
0.501
—
0.743
—
ns
fDATA
DDRX2 Serial Input Data
Speed
—280
—234
—194
Mbps
fDDRX2
DDRX2 ECLK Frequency
—
140
—
117
—
97
MHz
fSCLK
SCLK Frequency
—
70
—
59
—
49
MHz
Generic DDR4 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input - GDDRX4_RX.ECLK.Aligned
9
tDVA
Input Data Valid After ECLK
MachXO2-640U,
MachXO2-1200/U
and larger devices,
bottom side only
—
0.307
—
0.316
—
0.326
UI
tDVE
Input Data Hold After ECLK
0.662
—
0.650
—
0.649
—
UI
fDATA
DDRX4 Serial Input Data
Speed
—420
—352
—292
Mbps
fDDRX4
DDRX4 ECLK Frequency
—
210
—
176
—
146
MHz
fSCLK
SCLK Frequency
—
53
—
44
—
37
MHz
Parameter
Description
Device
-3
-2
-1
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com