Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
2-9
Architecture
MachXO2 Family Data Sheet
Table 2-4 provides signal descriptions of the PLL block.
sysMEM Embedded Block RAM Memory
The MachXO2-640/U and larger devices contain sysMEM Embedded Block RAMs (EBRs). The EBR consists of a
9-Kbit RAM, with dedicated input and output registers. This memory can be used for a wide variety of purposes
including data buffering, PROM for the soft processor and FIFO.
sysMEM Memory Block
The sysMEM block can implement single port, dual port, pseudo dual port, or FIFO memories. Each block can be
used in a variety of depths and widths as shown in Table 2-5.
Table 2-4. PLL Signal Descriptions
Port Name
I/O
Description
CLKI
I
Input clock to PLL
CLKFB
I
Feedback clock
PHASESEL[1:0]
I
Select which output is affected by Dynamic Phase adjustment ports
PHASEDIR
I
Dynamic Phase adjustment direction
PHASESTEP
I
Dynamic Phase step – toggle shifts VCO phase adjust by one step.
CLKOP
O
Primary PLL output clock (with phase shift adjustment)
CLKOS
O
Secondary PLL output clock (with phase shift adjust)
CLKOS2
O
Secondary PLL output clock2 (with phase shift adjust)
CLKOS3
O
Secondary PLL output clock3 (with phase shift adjust)
LOCK
O
PLL LOCK, asynchronous signal. Active high indicates PLL is locked to input and feed-
back signals.
DPHSRC
O
Dynamic Phase source – ports or
WISHBONE is active
STDBY
I
Standby signal to power down the PLL
RST
I
PLL reset without resetting the M-divider. Active high reset.
RESETM
I
PLL reset - includes resetting the M-divider. Active high reset.
RESETC
I
Reset for CLKOS2 output divider only. Active high reset.
RESETD
I
Reset for CLKOS3 output divider only. Active high reset.
ENCLKOP
I
Enable PLL output CLKOP
ENCLKOS
I
Enable PLL output CLKOS when port is active
ENCLKOS2
I
Enable PLL output CLKOS2 when port is active
ENCLKOS3
I
Enable PLL output CLKOS3 when port is active
PLLCLK
I
PLL data bus clock input signal
PLLRST
I
PLL data bus reset. This resets only the data bus not any register values.
PLLSTB
I
PLL data bus strobe signal
PLLWE
I
PLL data bus write enable signal
PLLADDR [4:0]
I
PLL data bus address
PLLDATI [7:0]
I
PLL data bus data input
PLLDATO [7:0]
O
PLL data bus data output
PLLACK
O
PLL data bus acknowledge signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com