Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 56Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
3-18
DC and Switching Characteristics
MachXO2 Family Data Sheet
tSU_DEL
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-256HC-HE
1.42
—
1.59
—
1.96
—
ns
MachXO2-640HC-HE
1.41
—
1.58
—
1.96
—
ns
MachXO2-1200HC-HE
1.63
—
1.79
—
2.17
—
ns
MachXO2-2000HC-HE
1.61
—
1.76
—
2.13
—
ns
MachXO2-4000HC-HE
1.66
—
1.81
—
2.19
—
ns
MachXO2-7000HC-HE
1.53
—
1.67
—
2.03
—
ns
tH_DEL
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-256HC-HE
-0.24
—
-0.24
—
-0.24
—
ns
MachXO2-640HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-1200HC-HE
-0.24
—
-0.24
—
-0.24
—
ns
MachXO2-2000HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-4000HC-HE
-0.25
—
-0.25
—
-0.25
—
ns
MachXO2-7000HC-HE
-0.21
—
-0.21
—
-0.21
—
ns
fMAX_IO
Clock Frequency of I/O and
PFU Register
All MachXO2 devices
—
388
—
323
—
269
MHz
General I/O Pin Parameters (Using Edge Clock without PLL)
tCOE
Clock to Output - PIO Output
Register
MachXO2-1200HC-HE
—
7.53
—
7.76
—
8.10
ns
MachXO2-2000HC-HE
—
7.53
—
7.76
—
8.10
ns
MachXO2-4000HC-HE
—
7.45
—
7.68
—
8.00
ns
MachXO2-7000HC-HE
—
7.53
—
7.76
—
8.10
ns
tSUE
Clock to Data Setup - PIO
Input Register
MachXO2-1200HC-HE
-0.19
—
-0.19
—
-0.19
—
ns
MachXO2-2000HC-HE
-0.19
—
-0.19
—
-0.19
—
ns
MachXO2-4000HC-HE
-0.16
—
-0.16
—
-0.16
—
ns
MachXO2-7000HC-HE
-0.19
—
-0.19
—
-0.19
—
ns
tHE
Clock to Data Hold - PIO Input
Register
MachXO2-1200HC-HE
1.97
—
2.24
—
2.52
—
ns
MachXO2-2000HC-HE
1.97
—
2.24
—
2.52
—
ns
MachXO2-4000HC-HE
1.89
—
2.16
—
2.43
—
ns
MachXO2-7000HC-HE
1.97
—
2.24
—
2.52
—
ns
tSU_DELE
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-1200HC-HE
1.56
—
1.69
—
2.05
—
ns
MachXO2-2000HC-HE
1.56
—
1.69
—
2.05
—
ns
MachXO2-4000HC-HE
1.74
—
1.88
—
2.25
—
ns
MachXO2-7000HC-HE
1.66
—
1.81
—
2.17
—
ns
tH_DELE
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-1200HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-2000HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-4000HC-HE
-0.34
—
-0.34
—
-0.34
—
ns
MachXO2-7000HC-HE
-0.29
—
-0.29
—
-0.29
—
ns
General I/O Pin Parameters (Using Primary Clock with PLL)
tCOPLL
Clock to Output - PIO Output
Register
MachXO2-1200HC-HE
—
5.97
—
6.00
—
6.13
ns
MachXO2-2000HC-HE
—
5.98
—
6.01
—
6.14
ns
MachXO2-4000HC-HE
—
5.99
—
6.02
—
6.16
ns
MachXO2-7000HC-HE
—
6.02
—
6.06
—
6.20
ns
tSUPLL
Clock to Data Setup - PIO
Input Register
MachXO2-1200HC-HE
0.36
—
0.36
—
0.65
—
ns
MachXO2-2000HC-HE
0.36
—
0.36
—
0.63
—
ns
MachXO2-4000HC-HE
0.35
—
0.35
—
0.62
—
ns
MachXO2-7000HC-HE
0.34
—
0.34
—
0.59
—
ns
Parameter
Description
Device
-6
-5
-4
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com