Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
2-6
Architecture
MachXO2 Family Data Sheet
The eight primary clock lines in the primary clock network drive throughout the entire device and can provide clocks
for all resources within the device including PFUs, EBRs and PICs. In addition to the primary clock signals,
MachXO2 devices also have eight secondary high fanout signals which can be used for global control signals, such
as clock enables, synchronous or asynchronous clears, presets, output enables, etc. Internal logic can drive the
global clock network for internally-generated global clocks and control signals.
The maximum frequency for the primary clock network is shown in the MachXO2 External Switching Characteris-
tics table.
The primary clock signals for the MachXO2-256 and MachXO2-640 are generated from eight 17:1 muxes The
available clock sources include eight I/O sources and 9 routing inputs. Primary clock signals for the MachXO2-
640U, MachXO2-1200/U and larger devices are generated from eight 27:1 muxes The available clock sources
include eight I/O sources, 11 routing inputs, eight clock divider inputs and up to eight sysCLOCK PLL outputs.
Figure 2-5. Primary Clocks for MachXO2 Devices
811
Primary Clock 0
Primary Clock 1
Primary Clock 2
Primary Clock 3
Primary Clock 4
Primary Clock 5
Primary Clock 6
8
Primary clocks for MachXO2-640U, MachXO2-1200/U and larger devices.
Note: MachXO2-640 and smaller devices do not have inputs from the Edge Clock Divider or PLL
and fewer routing inputs. These devices have 17:1 muxes instead of 27:1 muxes.
Primary Clock 7
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
Up to 8
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Clock
Switch
Clock
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com