Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
3-9
DC and Switching Characteristics
MachXO2 Family Data Sheet
sysIO Differential Electrical Characteristics
The LVDS differential output buffers are available on the top side of MachXO2-640U, MachXO2-1200/U and higher
density devices in the MachXO2 PLD family.
LVDS
Over Recommended Operating Conditions
Parameter
Symbol
Parameter Description
Test Conditions
Min.
Typ.
Max.
Units
VINP, VINM
Input Voltage
VCCIO = 3.3
0
—
2.605
V
VCCIO = 2.5
0
—
2.05
V
VTHD
Differential Input Threshold
±100
—
mV
VCM
Input Common Mode Voltage
VCCIO = 3.3V
0.05
—
2.6
V
VCCIO = 2.5V
0.05
—
2.0
V
IIN
Input current
Power on
—
—
±10
µA
VOH
Output high voltage for VOP or VOM
RT = 100 Ohm
—
1.375
—
V
VOL
Output low voltage for VOP or VOM
RT = 100 Ohm
0.90
1.025
—
V
VOD
Output voltage differential
(VOP - VOM), RT = 100 Ohm
250
350
450
mV
V
OD
Change in VOD between high and low
—
—
50
mV
VOS
Output voltage offset
(VOP - VOM)/2, RT = 100 Ohm
1.125
1.20
1.395
V
V
OS
Change in VOS between H and L
—
—
50
mV
IOSD
Output short circuit current
VOD = 0V driver outputs shorted
—
—
24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com