Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
3-8
DC and Switching Characteristics
MachXO2 Family Data Sheet
sysIO Single-Ended DC Electrical Characteristics
1, 2
Input/Output
Standard
VIL
VIH
VOL Max.
(V)
VOH Min.
(V)
IOL Max.
4
(mA)
IOH Max.
4
(mA)
Min. (V)
3
Max. (V)
Min. (V)
Max. (V)
LVCMOS 3.3
LVTTL
-0.3
0.8
2.0
3.6
0.4
VCCIO - 0.4
4-4
8-8
12
-12
16
-16
24
-24
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 2.5
-0.3
0.7
1.7
3.6
0.4
VCCIO - 0.4
4-4
8-8
12
-12
16
-16
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.8
-0.3
0.35VCCIO
0.65VCCIO
3.6
0.4
VCCIO - 0.4
4-4
8-8
12
-12
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.5
-0.3
0.35VCCIO
0.65VCCIO
3.6
0.4
VCCIO - 0.4
4-4
8-8
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.2
-0.3
0.35VCCIO
0.65VCCIO
3.6
0.4
VCCIO - 0.4
4-2
8-6
0.2
VCCIO - 0.2
0.1
-0.1
PCI
-0.3
0.3VCCIO
0.5VCCIO
3.6
0.1VCCIO
0.9VCCIO
1.5
-0.5
SSTL25 Class I
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.54
VCCIO - 0.62
8
8
SSTL25 Class II
-0.3
VREF - 0.18
VREF +0.18
3.6
NA
NA
NA
NA
SSTL18 Class I
-0.3
VREF - 0.125 VREF +0.125
3.6
0.40
VCCIO - 0.40
8
8
SSTL18 Class II
-0.3
VREF - 0.125 VREF +0.125
3.6
NA
NA
NA
NA
HSTL18 Class I
-0.3
VREF - 0.1
VREF +0.1
3.6
0.40
VCCIO - 0.40
8
8
HSTL18 Class II
-0.3
VREF - 0.1
VREF +0.1
3.6
NA
NA
NA
NA
1. MachXO2 devices allow LVCMOS inputs to be placed in I/O banks where VCCIO is different from what is specified in the applicable JEDEC
specification. This is referred to as a ratioed input buffer. In a majority of cases this operation follows or exceeds the applicable JEDEC spec-
ification. The cases where MachXO2 devices do not meet the relevant JEDEC specification are documented in the table below.
2. MachXO2 devices allow for LVCMOS referenced I/Os which follow applicable JEDEC specifications. For more details about mixed mode
operation please refer to please refer to TN1202, MachXO2 sysIO Usage Guide.
3. The dual function I
2C pins SCL and SDA are limited to a VIL min of -0.25V or to -0.3V with a duration of <10ns.
4. The average DC current drawn by I/Os between GND connections, or between the last GND in an I/O bank and the end of an I/O bank, as
shown in the logic signal connections table shall not exceed n * 8mA. Where n is the number of I/Os between bank GND connections or
between the last GND in a bank and the end of a bank.
Input Standard
VCCIO (V)
VIL Max. (V)
LVCMOS 33
1.5
0.685
LVCMOS 25
1.5
1.687
LVCMOS 18
1.5
1.164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com