Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 55Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
3-12
DC and Switching Characteristics
MachXO2 Family Data Sheet
LVPECL
The MachXO2 family supports the differential LVPECL standard through emulation. This output standard is emu-
lated using complementary LVCMOS outputs in conjunction with resistors across the driver outputs on all the
devices. The LVPECL input standard is supported by the LVDS differential input buffer. The scheme shown in Dif-
ferential LVPECL is one possible solution for point-to-point signals.
Figure 3-3. Differential LVPECL
Table 3-3. LVPECL DC Conditions
1
Over Recommended Operating Conditions
For further information on LVPECL, BLVDS and other differential interfaces please see details of additional techni-
cal documentation at the end of the data sheet.
Symbol
Description
Nominal
Units
ZOUT
Output impedance
10
Ohms
RS
Driver series resistor
93
Ohms
RP
Driver parallel resistor
196
Ohms
RT
Receiver termination
100
Ohms
VOH
Output high voltage
2.05
V
VOL
Output low voltage
1.25
V
VOD
Output differential voltage
0.80
V
VCM
Output common mode voltage
1.65
V
ZBACK
Back impedance
100.5
Ohms
IDC
DC output current
12.11
mA
1. For input buffer, see LVDS table.
Transmission line, Zo = 100 ohm differential
100 ohms
93 ohms
16mA
16mA
93 ohms
Off-chip
On-chip
VCCIO = 3.3V
VCCIO = 3.3V
+
-
196 ohms
On-chip
Off-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com