Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 26 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 26 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 23Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 24Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 25Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 26Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 27Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 30Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
2-22
Architecture
MachXO2 Family Data Sheet
Block, to facilitate the generation of clock and control signals (DQSR90, DQSW90, DDRCLKPOL and DATAVALID).
These clock and control signals are distributed to the other PIO in the group through dedicated low skew routing.
DQS Read Write Block
Source synchronous interfaces generally require the input clock to be adjusted in order to correctly capture data at
the input register. For most interfaces a PLL is used for this adjustment. However, in DDR memories the clock
(referred to as DQS) is not free-running so this approach cannot be used. The DQS Read Write block provides the
required clock alignment for DDR memory interfaces. DQSR90 and DQSW90 signals are generated by the DQS
Read Write block from the DQS input.
In a typical DDR memory interface design, the phase relationship between the incoming delayed DQS strobe and
the internal system clock (during the read cycle) is unknown. The MachXO2 family contains dedicated circuits to
transfer data between these domains. To prevent set-up and hold violations, at the domain transfer between DQS
(delayed) and the system clock, a clock polarity selector is used. This circuit changes the edge on which the data is
registered in the synchronizing registers in the input register block. This requires evaluation at the start of each
read cycle for the correct clock polarity. Prior to the read operation in DDR memories, DQS is in tri-state (pulled by
termination). The DDR memory device drives DQS low at the start of the preamble state. A dedicated circuit in the
DQS Read Write block detects the first DQS rising edge after the preamble state and generates the DDRCLKPOL
signal. This signal is used to control the polarity of the clock to the synchronizing registers.
The temperature, voltage and process variations of the DQS delay block are compensated by a set of calibration
signals (6-bit bus) from a DLL on the right edge of the device. The DLL loop is compensated for temperature, volt-
age and process variations by the system clock and feedback loop.
sysIO Buffer
Each I/O is associated with a flexible buffer referred to as a sysIO buffer. These buffers are arranged around the
periphery of the device in groups referred to as banks. The sysIO buffers allow users to implement a wide variety of
standards that are found in today’s systems including LVCMOS, TTL, PCI, SSTL, HSTL, LVDS, BLVDS, MLVDS
and LVPECL.
Each bank is capable of supporting multiple I/O standards. In the MachXO2 devices, single-ended output buffers,
ratioed input buffers (LVTTL, LVCMOS and PCI), differential (LVDS) and referenced input buffers (SSTL and HSTL)
are powered using I/O supply voltage (VCCIO). Each sysIO bank has its own VCCIO. In addition, each bank has a
voltage reference, VREF, which allows the use of referenced input buffers independent of the bank VCCIO.
MachXO2-256 and MachXO2-640 devices contain single-ended ratioed input buffers and single-ended output buf-
fers with complementary outputs on all the I/O banks. Note that the single-ended input buffers on these devices do
not contain PCI clamps. In addition to the single-ended I/O buffers these two devices also have differential and ref-
erenced input buffers on all I/Os. The I/Os are arranged in pairs, the two pads in the pair are described as “T” and
“C”, where the true pad is associated with the positive side of the differential input buffer and the comp (comple-
mentary) pad is associated with the negative side of the differential input buffer.
MachXO2-640U, MachXO2-1200/U, MachXO2-2000/U, MachXO2-4000 and MachXO2-7000 devices contain three
types of sysIO buffer pairs.
1.
Left and Right sysIO Buffer Pairs
The sysIO buffer pairs in the left and right banks of the device consist of two single-ended output drivers and
two single-ended input buffers (for ratioed inputs such as LVCMOS and LVTTL). The I/O pairs on the left and
right of the devices also have differential and referenced input buffers.
2.
Bottom sysIO Buffer Pairs
The sysIO buffer pairs in the bottom bank of the device consist of two single-ended output drivers and two sin-
gle-ended input buffers (for ratioed inputs such as LVCMOS and LVTTL). The I/O pairs on the bottom also have
differential and referenced input buffers. Only the I/Os on the bottom banks have programmable PCI clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com