Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 2 Page - Lattice Semiconductor

  LCMXO2-256ZE-2UMG64C Datasheet HTML 1Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 2Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
www.latticesemi.com
1-1
DS1035 Introduction_01.6
January 2013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
 Flexible Logic Architecture
• Six devices with 256 to 6864 LUT4s and
19 to 335 I/Os
 Ultra Low Power Devices
• Advanced 65 nm low power process
• As low as 19 µW standby power
• Programmable low swing differential I/Os
• Stand-by mode and other power saving options
 Embedded and Distributed Memory
• Up to 240 Kbits sysMEM™ Embedded Block
RAM
• Up to 54 Kbits Distributed RAM
• Dedicated FIFO control logic
 On-Chip User Flash Memory
• Up to 256 Kbits of User Flash Memory
• 100,000 write cycles
• Accessible through WISHBONE, SPI, I
2C and
JTAG interfaces
• Can be used as soft processor PROM or as
Flash memory
 Pre-Engineered Source Synchronous I/O
• DDR registers in I/O cells
• Dedicated gearing logic
• 7:1 Gearing for Display I/Os
• Generic DDR, DDRX2, DDRX4
• Dedicated DDR/DDR2/LPDDR memory with
DQS support
 High Performance, Flexible I/O Buffer
• Programmable sysIO™ buffer supports wide
range of interfaces:
– LVCMOS 3.3/2.5/1.8/1.5/1.2
– LVTTL
–PCI
– LVDS, Bus-LVDS, MLVDS, RSDS, LVPECL
– SSTL 25/18
– HSTL 18
– Schmitt trigger inputs, up to 0.5V hysteresis
• I/Os support hot socketing
• On-chip differential termination
• Programmable pull-up or pull-down mode
 Flexible On-Chip Clocking
• Eight primary clocks
• Up to two edge clocks for high-speed I/O
interfaces (top and bottom sides only)
• Up to two analog PLLs per device with
fractional-n frequency synthesis
– Wide input frequency range (10 MHz to
400 MHz)
 Non-volatile, Infinitely Reconfigurable
• Instant-on – powers up in microseconds
• Single-chip, secure solution
• Programmable through JTAG, SPI or I
2C
• Supports background programming of non-vola-
tile memory
• Optional dual boot with external SPI memory
 TransFR™ Reconfiguration
• In-field logic update while system operates
 Enhanced System Level Support
• On-chip hardened functions: SPI, I
2C, timer/
counter
• On-chip oscillator with 5.5% accuracy
• Unique TraceID for system tracking
• One Time Programmable (OTP) mode
• Single power supply with extended operating
range
• IEEE Standard 1149.1 boundary scan
• IEEE 1532 compliant in-system programming
 Broad Range of Package Options
• TQFP, WLCSP, ucBGA, csBGA, caBGA, ftBGA,
fpBGA, QFN package options
• Small footprint package options
– As small as 2.5x2.5mm
• Density migration supported
• Advanced halogen-free packaging
MachXO2 Family Data Sheet
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com