Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 72 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 72 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 68Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 69Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 70Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 71Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 72Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 73Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 74Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 75Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 76Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
3-33
DC and Switching Characteristics
MachXO2 Family Data Sheet
MachXO2 Oscillator Output Frequency
MachXO2 Standby Mode Timing – ZE Devices
MachXO2 Standby Mode Timing – HC/HE Devices
Symbol
Parameter
Min.
Typ.
Max
Units
fMAX
Oscillator Output Frequency (Commercial Grade Devices,
0 to 85°C)
125.685
133
140.315
MHz
Oscillator Output Frequency (Industrial Grade Devices,
-40 to 100°C)
124.355
133
141.645
MHz
tDT
Output Clock Duty Cycle
43
50
57
%
tOPJIT
1
Output Clock Period Jitter
0.01
0.012
0.02
UIPP
tSTABLEOSC
STDBY Low to Oscillator Stable
0.01
0.05
0.1
µs
1. Output Clock Period Jitter specified at 133MHz. The values for lower frequencies will be smaller UIPP. The typical value for 133MHz is 95ps
and for 2.08MHz the typical value is 1.54ns.
Symbol
Parameter
Device
Min.
Typ.
Max
Units
tPWRDN
USERSTDBY High to Stop
All
—
—
13
ns
tPWRUP
USERSTDBY Low to Power Up
LCMXO2-256
—
µs
LCMXO2-640
—
µs
LCMXO2-1200
20
—
50
µs
LCMXO2-2000
—
µs
LCMXO2-4000
—
µs
LCMXO2-7000
—
µs
tWSTDBY
USERSTDBY Pulse Width
All
19
—
—
ns
tBNDGAPSTBL
USERSTDBY High to Bandgap Stable
All
—
—
15
ns
Symbol
Parameter
Device
Min.
Typ.
Max
Units
tPWRDN
USERSTDBY High to Stop
All
—
—
9
ns
tPWRUP
USERSTDBY Low to Power Up
LCMXO2-256
—
µs
LCMXO2-640
—
µs
LCMXO2-640U
—
µs
LCMXO2-1200
20
—
50
µs
LCMXO2-1200U
—
µs
LCMXO2-2000
—
µs
LCMXO2-2000U
—
µs
LCMXO2-4000
—
µs
LCMXO2-7000
—
µs
tWSTDBY
USERSTDBY Pulse Width
All
18
—
—
ns
USERSTDBY
tPWRUP
USERSTDBY Mode
tPWRDN
tWSTDBY
BG, POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com