Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 104 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 104 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 99Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 100Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 101Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 102Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 103Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 104Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 105Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 106Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
January 2013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
7-1
DS1035 Revision History
Date
Version
Section
Change Summary
November 2010
01.0
—
Initial release.
January 2011
01.1
All
Included ultra-high I/O devices.
DC and Switching
Characteristics
Recommended Operating Conditions table – Added footnote 3.
DC Electrical Characteristics table – Updated data for IIL, IIH. VHYST typ-
ical values updated.
Generic DDRX2 Outputs with Clock and Data Aligned at Pin
(GDDRX2_TX.ECLK.Aligned) Using PCLK Pin for Clock Input tables –
Updated data for TDIA and TDIB.
Generic DDRX4 Outputs with Clock and Data Aligned at Pin
(GDDRX4_TX.ECLK.Aligned) Using PCLK Pin for Clock Input tables –
Updated data for TDIA and TDIB.
Power-On-Reset Voltage Levels table - clarified note 3.
Clarified VCCIO related recommended operating conditions specifica-
tions.
Added power supply ramp rate requirements.
Added Power Supply Ramp Rates table.
Updated Programming/Erase Specifications table.
Removed references to VCCP.
Pinout Information
Included number of 7:1 and 8:1 gearboxes (input and output) in the pin
information summary tables.
Removed references to VCCP.
April 2011
01.2
—
Data sheet status changed from Advance to Preliminary.
Introduction
Updated MachXO2 Family Selection Guide table.
Architecture
Updated Supported Input Standards table.
Updated sysMEM Memory Primitives diagram.
Added differential SSTL and HSTL IO standards.
DC and Switching
Characteristics
Updates following parameters: POR voltage levels, DC electrical char-
acteristics, static supply current for ZE/HE/HC devices, static power
consumption contribution of different components – ZE devices, pro-
gramming and erase Flash supply current.
Added VREF specifications to sysIO recommended operating condi-
tions.
Updating timing information based on characterization.
Added differential SSTL and HSTL IO standards.
Ordering Information
Added Ordering Part Numbers for R1 devices, and devices in WLCSP
packages.
Added R1 device specifications.
May 2011
01.3
Multiple
Replaced “SED” with “SRAM CRC Error Detection” throughout the doc-
ument.
DC and Switching
Characteristics
Added footnote 1 to Program Erase Specifications table.
Pinout Information
Updated Pin Information Summary tables.
Signal name SO/SISPISO changed to SO/SPISO in the Signal Descrip-
tions table.
MachXO2 Family Data Sheet
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com