Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 5 Page - Analog Devices

  AD5330_08 Datasheet HTML 1Page - Analog Devices AD5330_08 Datasheet HTML 2Page - Analog Devices AD5330_08 Datasheet HTML 3Page - Analog Devices AD5330_08 Datasheet HTML 4Page - Analog Devices AD5330_08 Datasheet HTML 5Page - Analog Devices AD5330_08 Datasheet HTML 6Page - Analog Devices AD5330_08 Datasheet HTML 7Page - Analog Devices AD5330_08 Datasheet HTML 8Page - Analog Devices AD5330_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 5 of 28
TIMING CHARACTERISTICS1, 2, 3
VDD = 2.5 V to 5.5 V, all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Condition/Comments
t1
0
ns min
CS to WR setup time.
t2
0
ns min
CS to WR hold time.
t3
20
ns min
WR pulse width.
t4
5
ns min
Data, GAIN, BUF, HBEN setup time.
t5
4.5
ns min
Data, GAIN, BUF, HBEN hold time.
t6
5
ns min
Synchronous mode; WR falling to LDAC falling.
t7
5
ns min
Synchronous mode; LDAC falling to WR rising.
t8
4.5
ns min
Synchronous mode; WR rising to LDAC rising.
t9
5
ns min
Asynchronous mode; LDAC rising to WR rising.
t10
4.5
ns min
Asynchronous mode; WR rising to LDAC falling.
t11
20
ns min
LDAC pulse width.
t12
20
ns min
CLR pulse width.
t13
50
ns min
Time between WR cycles.
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
3 See Figure 2.
CS
WR
DATA,
GAIN,
BUF,
HBEN
LDAC1
LDAC2
CLR
NOTES:
1SYNCHRONOUS LDAC UPDATE MODE
2ASYNCHRONOUS LDAC UPDATE MODE
t1
t2
t3
t4
t6
t7
t9
t10
t11
t12
t8
t5
t13
Figure 2. Parallel Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com