Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 17Page - Analog Devices AD5330_08 Datasheet HTML 18Page - Analog Devices AD5330_08 Datasheet HTML 19Page - Analog Devices AD5330_08 Datasheet HTML 20Page - Analog Devices AD5330_08 Datasheet HTML 21Page - Analog Devices AD5330_08 Datasheet HTML 22Page - Analog Devices AD5330_08 Datasheet HTML 23Page - Analog Devices AD5330_08 Datasheet HTML 24Page - Analog Devices AD5330_08 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 21 of 28
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUITS
The AD5330/AD5331/AD5340/AD5341 can be used with
a wide range of reference voltages, especially if the reference
inputs are configured to be unbuffered, in which case the
devices offer full, one-quadrant multiplying capability over a
reference range of 0.25 V to VDD. More typically, these devices
can be used with a fixed, precision reference voltage. Figure 43
shows a typical setup for the devices when using an external
reference connected to the unbuffered reference inputs. If the
reference inputs are unbuffered, the reference input range is
from 0.25 V to VDD, but if the on-chip reference buffers are
used, the reference range is reduced. Suitable references for 5 V
operation are the AD780 and REF192. For 2.5 V operation, a
suitable external reference is the AD589, a 1.23 V band gap
reference.
AD5330/AD5331/
AD5340/AD5341
VOUT
VDD = 2.5V TO 5.5V
VDD
GND
VREF
GND
EXT
REF
+
0.1µF
10µF
VOUT
VIN
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 2.5V
Figure 43. AD5330/AD5331/AD5340/AD5341 Using External Reference
DRIVING VDD FROM THE REFERENCE VOLTAGE
If an output range of 0 V to VDD is required, the simplest
solution is to connect the reference inputs to VDD. Because this
supply may not be very accurate and may be noisy, the devices
can be powered from the reference voltage, for example using
a 5 V reference such as the ADP667, as shown in Figure 44.
AD5330/AD5331/
AD5340/AD5341
GND SHDN
VOUT
ADP667
VSET
6V TO 16V
VOUT
VDD
VIN
GND
VREF
+
0.1µF
0.1µF
10µF
Figure 44. Using an ADP667 as Power and Reference to
AD5330/AD5331/AD5340/AD5341
BIPOLAR OPERATION USING THE AD5330/AD5331/
AD5340/AD5341
The AD5330/AD5331/AD5340/AD5341 are designed for
single-supply operation, but bipolar operation is achievable
using the circuit shown in Figure 45. The circuit shown has
been configured to achieve an output voltage range of –5 V <
VO < +5 V. Rail-to-rail operation at the amplifier output is
achievable using an AD820 or OP295 as the output amplifier.
The output voltage for any input code can be calculated as follows:
VO
= [(1 + R4/R3) × (R2/(R1 + R2) × (2 × VREF × D/2N)] –
R4
× VREF/R3
where:
D
is the decimal equivalent of the code loaded to the DAC.
N
is the DAC resolution.
VREF
is the reference voltage input.
with:
VREF = 2.5 V.
R1 = R3 = 10 kΩ.
R2 = R4 = 20 kΩ and VDD = 5 V.
VO = (10 × D/2N) − 5.
VDD = 5V
+
0.1µF
10µF
R2
20kΩ
R1
10kΩ
R3
10kΩ
R4
20kΩ
GND
VO = ±5V
+5V
–5V
AD5330/AD5331/
AD5340/AD5341
VREF
VOUT
VDD
GND
EXT
REF
VOUT
VIN
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 2.5V
0.1µF
Figure 45. Bipolar Operation using the AD5330/AD5331/AD5340/AD5341
DECODING MULTIPLE AD5330/AD5331/
AD5340/AD5341
The CS pin on these devices can be used in applications to
decode a number of DACs. In this application, all DACs in the
system receive the same data and WR pulses, but only CS to one
of the DACs is active at any one time, so data is only written to
the DAC whose CS is low. If multiple AD5341s are being used, a
common HBEN line is also required to determine if the data is
written to the high byte or low byte register of the selected DAC.
The 74HC139 is used as a 2-line to 4-line decoder to address
any of the DACs in the system. To prevent timing errors, the
enable input should be brought to its inactive state while the
coded address inputs are changing state. Figure 46 shows a
diagram of a typical setup for decoding multiple devices in a
system. Once data has been written sequentially to all DACs in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com