Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 11Page - Analog Devices AD5330_08 Datasheet HTML 12Page - Analog Devices AD5330_08 Datasheet HTML 13Page - Analog Devices AD5330_08 Datasheet HTML 14Page - Analog Devices AD5330_08 Datasheet HTML 15Page - Analog Devices AD5330_08 Datasheet HTML 16Page - Analog Devices AD5330_08 Datasheet HTML 17Page - Analog Devices AD5330_08 Datasheet HTML 18Page - Analog Devices AD5330_08 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 15 of 28
300
TA = 25°C
200
100
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Figure 26. Supply Current vs. Supply Voltage
0.5
TA = 25°C
0
0.1
0.2
0.3
0.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Figure 27. Power-Down Current vs. Supply Voltage
VLOGIC (V)
1800
TA = 25°C
0
200
400
600
800
1000
1200
1400
1600
01
2345
VDD = 5V
VDD = 3V
Figure 28. Supply Current vs. Logic Input Voltage
CLK
CH1
1V
CH2
5V
TA = 25°C
VDD = 5V
VOUT
TIME BASE = 5µs/DIV
Figure 29. Half-Scale Settling (¼ to ¾ Scale Code Change)
CH1
2V
CH2
200mV
TIME BASE = 200µs/DIV
TA = 25°C
VDD = 5V
VREF = 2V
VDD
VOUTA
Figure 30. Power-On Reset to 0 V
CH1
500mV
CH2
5V
TIME BASE = 1µs/DIV
TA = 25°C
VDD = 5V
VREF = 2V
VOUTA
PD
Figure 31. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com