Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 15Page - Analog Devices AD5330_08 Datasheet HTML 16Page - Analog Devices AD5330_08 Datasheet HTML 17Page - Analog Devices AD5330_08 Datasheet HTML 18Page - Analog Devices AD5330_08 Datasheet HTML 19Page - Analog Devices AD5330_08 Datasheet HTML 20Page - Analog Devices AD5330_08 Datasheet HTML 21Page - Analog Devices AD5330_08 Datasheet HTML 22Page - Analog Devices AD5330_08 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 19 of 28
POWER-DOWN MODE
The AD5330/AD5331/AD5340/AD5341 have low power
consumption, dissipating only 0.35 mW with a 3 V supply and
0.7 mW with a 5 V supply. Power consumption can be further
reduced when the DAC is not in use by putting it into power-
down mode, which is selected by taking Pin PD low.
When the PD pin is high, the DAC works normally with a
typical power consumption of 140 μA at 5 V (115 μA at 3 V).
In power-down mode, however, the supply current falls to
200 nA at 5 V (80 nA at 3 V) when the DAC is powered down.
Not only does the supply current drop, but the output stage
is also internally switched from the output of the amplifier,
making it open-circuit. This has the advantage that the output
is three-state while the part is in power-down mode and provides
a defined input condition for whatever is connected to the
output of the DAC amplifier. The output stage is illustrated in
.
Figure 39
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
VOUT
Figure 39. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
all other associated linear circuitry are shut down when the
power-down mode is activated. However, the contents of the
registers are unaffected when in power-down. The time to exit
power-down is typically 2.5 μs for VDD = 5 V and 5 μs when
VDD = 3 V. This is the time from a rising edge on the PD pin to
when the output voltage deviates from its power-down voltage
(see
).
Figure 31
Table 9. AD5330/AD5331/AD5340 Truth Table1
CLR
LDAC
CS
WR
Function
1
1
1
X
No data transfer
1
1
X
1
No data transfer
0
X
X
X
Clear all registers
1
1
0
0
→1
Load input register
1
0
0
0
→1
Load input register and DAC register
1
0
X
X
Update DAC register
1 X = don’t care.
Table 10. AD5341 Truth Table1
CLR
LDAC
CS
WR
HBEN
Function
1
1
1
X
X
No data transfer
1
1
X
1
X
No data transfer
0
X
X
X
X
Clear all registers
1
1
0
0
→1
0
Load low byte input register
1
1
0
0
→1
1
Load high byte input register
1
0
0
0
→1
0
Load low byte input register and DAC register
1
0
0
0
→1
1
Load high byte input register and DAC register
1
0
X
X
X
Update DAC register
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com