Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 19Page - Analog Devices AD5330_08 Datasheet HTML 20Page - Analog Devices AD5330_08 Datasheet HTML 21Page - Analog Devices AD5330_08 Datasheet HTML 22Page - Analog Devices AD5330_08 Datasheet HTML 23Page - Analog Devices AD5330_08 Datasheet HTML 24Page - Analog Devices AD5330_08 Datasheet HTML 25Page - Analog Devices AD5330_08 Datasheet HTML 26Page - Analog Devices AD5330_08 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 23 of 28
Table 11. Overview of AD53xx Parallel Devices
Part No.
Resolution Bits
DNL
No. of VREF Pins
Settling Time
Additional Pin Functions
Package
No. of Pins
BUF
GAIN
HBEN
CLR
Singles
AD5330
8
±0.25
1
6 μs
BUF
GAIN
CLR
TSSOP
20
AD5331
10
±0.5
1
7 μs
GAIN
CLR
TSSOP
20
AD5340
12
±1.0
1
8 μs
BUF
GAIN
CLR
TSSOP
24
AD5341
12
±1.0
1
8 μs
BUF
GAIN
HBEN
CLR
TSSOP
20
Duals
AD5332
8
±0.25
2
6 μs
CLR
TSSOP
20
AD5333
10
±0.5
2
7 μs
BUF
GAIN
CLR
TSSOP
24
AD5342
12
±1.0
2
8 μs
BUF
GAIN
CLR
TSSOP
28
AD5343
12
±1.0
1
8 μs
HBEN
CLR
TSSOP
20
Quads
AD5334
8
±0.25
2
6 μs
GAIN
CLR
TSSOP
24
AD5335
10
±0.5
2
7 μs
HBEN
CLR
TSSOP
24
AD5336
10
±0.5
4
7 μs
GAIN
CLR
TSSOP
28
AD5344
12
±1.0
4
8 μs
TSSOP
28
Table 12. Overview of AD53xx Serial Devices
Part No.
Resolution Bits
No. of DACs
DNL
Interface
Settling Time
Package
No of Pins
Singles
AD5300
8
1
±0.25
SPI
4 μs
SOT-23, MSOP
6, 8
AD5310
10
1
±0.5
SPI
6 μs
SOT-23, MSOP
6, 8
AD5320
12
1
±1.0
SPI
8 μs
SOT-23, MSOP
6, 8
AD5301
8
1
±0.25
2-Wire
6 μs
SOT-23, MSOP
6, 8
AD5311
10
1
±0.5
2-Wire
7 μs
SOT-23, MSOP
6, 8
AD5321
12
1
±1.0
2-Wire
8 μs
SOT-23, MSOP
6, 8
Duals
AD5302
8
2
±0.25
SPI
6 μs
MSOP
10
AD5312
10
2
±0.5
SPI
7 μs
MSOP
10
AD5322
12
2
±1.0
SPI
8 μs
MSOP
10
AD5303
8
2
±0.25
SPI
6 μs
TSSOP
16
AD5313
10
2
±0.5
SPI
7 μs
TSSOP
16
AD5323
12
2
±1.0
SPI
8 μs
TSSOP
16
Quads
AD5304
8
4
±0.25
SPI
6 μs
MSOP, LFCSP
10
AD5314
10
4
±0.5
SPI
7 μs
MSOP, LFCSP
10
AD5324
12
4
±1.0
SPI
8 μs
MSOP, LFCSP
10
AD5305
8
4
±0.25
2-Wire
6 μs
MSOP
10
AD5315
10
4
±0.5
2-Wire
7 μs
MSOP
10
AD5325
12
4
±1.0
2-Wire
8 μs
MSOP
10
AD5306
8
4
±0.25
2-Wire
6 μs
TSSOP
16
AD5316
10
4
±0.5
2-Wire
7 μs
TSSOP
16
AD5326
12
4
±1.0
2-Wire
8 μs
TSSOP
16
AD5307
8
4
±0.25
SPI
6 μs
TSSOP
16
AD5317
10
4
±0.5
SPI
7 μs
TSSOP
16
AD5327
12
4
±1.0
SPI
8 μs
TSSOP
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com