Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 5Page - Analog Devices AD5330_08 Datasheet HTML 6Page - Analog Devices AD5330_08 Datasheet HTML 7Page - Analog Devices AD5330_08 Datasheet HTML 8Page - Analog Devices AD5330_08 Datasheet HTML 9Page - Analog Devices AD5330_08 Datasheet HTML 10Page - Analog Devices AD5330_08 Datasheet HTML 11Page - Analog Devices AD5330_08 Datasheet HTML 12Page - Analog Devices AD5330_08 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 9 of 28
BUFFER
12-BIT
DAC
DAC
REGISTER
INPUT
REGISTER
POWER-DOWN
LOGIC
CS
WR
CLR
LDAC
VREF
VDD
VOUT
PD
GND
AD5340
POWER-ON
RESET
RESET
12
11
9
8
4
14
5
13
7
DB10
DB9
DB0
..
15
24
1
DB11 2
BUF 3
GAIN 10
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DB10
PD
VDD
DB0
DB1
DB2
DB7
DB6
DB3
DB4
DB5
12-BIT
AD5340
TOP VIEW
(Not to Scale)
DB8
DB9
DB11
LDAC
GND
BUF
VOUT
NC
VREF
CS
WR
GAIN
CLR
Figure 7. AD5340 Functional Block Diagram
Figure 8. AD5340 Pin Configuration
Table 7. AD5340 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DB10
Parallel Data Input.
2
DB11
Most Significant Bit of Parallel Data Input.
3
BUF
Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered.
4
VREF
Reference Input.
5
VOUT
Output of DAC. Buffered output with rail-to-rail operation.
6
NC
No Connect.
7
GND
Ground reference point for all circuitry on the part.
8
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
9
WR
Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface.
10
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0 V to VREF or 0 V to 2 × VREF.
11
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zero.
12
LDAC
Active low control input that updates the DAC registers with the contents of the input registers.
13
PD
Power-Down Pin. This active low control pin puts the DAC into power-down mode.
14
VDD
Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
15 to 24
DB0 to DB9
Ten Parallel Data Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com