Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 10Page - Analog Devices AD5330_08 Datasheet HTML 11Page - Analog Devices AD5330_08 Datasheet HTML 12Page - Analog Devices AD5330_08 Datasheet HTML 13Page - Analog Devices AD5330_08 Datasheet HTML 14Page - Analog Devices AD5330_08 Datasheet HTML 15Page - Analog Devices AD5330_08 Datasheet HTML 16Page - Analog Devices AD5330_08 Datasheet HTML 17Page - Analog Devices AD5330_08 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 14 of 28
1.00
0.50
0.75
0
–0.50
0.25
–0.25
–0.75
–1.00
2345
VREF (V)
MAX INL
MAX DNL
MIN DNL
MIN INL
TA = 25°C
VDD = 5V
Figure 20. AD5330 INL and DNL Error vs. VREF
VDD = 5V
VREF = 3V
1.00
0.50
0.75
0
–0.50
0.25
–0.25
–0.75
–1.00
–40
0
40
80
120
TEMPERATURE (°C)
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 21. AD5330 INL Error and DNL Error vs. Temperature
VDD = 5V
VREF = 2V
1.0
0.5
0
–0.5
–1.0
–40
0
40
80
120
TEMPERATURE (°C)
GAIN ERROR
OFFSET ERROR
Figure 22. AD5330 Offset Error and Gain Error vs. Temperature
GAIN ERROR
OFFSET ERROR
–0.1
0
0.1
0.2
–0.2
–0.3
–0.4
–0.5
–0.6
0123
456
VDD (V)
TA = 25°C
VREF = 2V
Figure 23. Offset Error and Gain Error vs. VDD
5
0
1
2
3
4
012
3456
SINK/SOURCE CURRENT (mA)
5V SOURCE
3V SOURCE
3V SINK
5V SINK
Figure 24. VOUT Source and Sink Current Capability
300
0
50
100
150
200
250
ZERO-SCALE
FULL-SCALE
DAC CODE
TA = 25°C
VREF = 2V
VDD = 5.5V
VDD = 3.6V
Figure 25. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com