Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 3Page - Analog Devices AD5330_08 Datasheet HTML 4Page - Analog Devices AD5330_08 Datasheet HTML 5Page - Analog Devices AD5330_08 Datasheet HTML 6Page - Analog Devices AD5330_08 Datasheet HTML 7Page - Analog Devices AD5330_08 Datasheet HTML 8Page - Analog Devices AD5330_08 Datasheet HTML 9Page - Analog Devices AD5330_08 Datasheet HTML 10Page - Analog Devices AD5330_08 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
BUFFER
8-BIT
DAC
DAC
REGISTER
INPUT
REGISTER
POWER-DOWN
LOGIC
BUF
GAIN
DB7
DB0
..
CS
WR
CLR
LDAC
VREF
VDD
VOUT
PD
GND
AD5330
POWER-ON
RESET
RESET
10
9
7
6
13
20
8
1
3
12
4
11
5
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
LDAC
GAIN
WR
CS
GND
BUF
VREF
VOUT
CLR
NC = NO CONNECT
NC
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VDD
PD
TOP VIEW
(Not to Scale)
AD5330
8-BIT
Figure 3. AD5330 Functional Block Diagram
Figure 4. AD5330 Pin Configuration
Table 5. AD5330 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BUF
Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered.
2
NC
No Connect.
3
VREF
Reference Input.
4
VOUT
Output of DAC. Buffered output with rail-to-rail operation.
5
GND
Ground reference point for all circuitry on the part.
6
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
7
WR
Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface.
8
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0 V to VREF or 0 V to 2 × VREF.
9
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zero.
10
LDAC
Active low control input that updates the DAC registers with the contents of the input registers.
11
PD
Power-Down Pin. This active low control pin puts the DAC into power-down mode.
12
VDD
Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
13 to 20
DB0 to DB7
Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com