Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 9Page - Analog Devices AD5330_08 Datasheet HTML 10Page - Analog Devices AD5330_08 Datasheet HTML 11Page - Analog Devices AD5330_08 Datasheet HTML 12Page - Analog Devices AD5330_08 Datasheet HTML 13Page - Analog Devices AD5330_08 Datasheet HTML 14Page - Analog Devices AD5330_08 Datasheet HTML 15Page - Analog Devices AD5330_08 Datasheet HTML 16Page - Analog Devices AD5330_08 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
–0.5
–1.0
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 14. AD5330 Typical INL Plot
3
2
1
0
–1
–3
–2
0
200
400
500
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 15. AD5331 Typical INL Plot
12
8
4
0
–12
–8
–4
0
1000
2000
3000
4000
CODE
TA = 25°C
VDD = 5V
Figure 16. AD5340/AD5341 Typical INL Plot
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 17. AD5330 Typical DNL Plot
0.6
0.2
0.4
0
–0.2
–0.4
–0.6
0
200
400
600
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 18. AD5331 Typical DNL Plot
1.0
0.5
0
–0.5
–1.0
0
1000
2000
3000
4000
CODE
TA = 25°C
VDD = 5V
Figure 19. AD5340/AD5341 Typical DNL Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com