Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 12Page - Analog Devices AD5330_08 Datasheet HTML 13Page - Analog Devices AD5330_08 Datasheet HTML 14Page - Analog Devices AD5330_08 Datasheet HTML 15Page - Analog Devices AD5330_08 Datasheet HTML 16Page - Analog Devices AD5330_08 Datasheet HTML 17Page - Analog Devices AD5330_08 Datasheet HTML 18Page - Analog Devices AD5330_08 Datasheet HTML 19Page - Analog Devices AD5330_08 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 16 of 28
10
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1
100
10
10k
1k
FREQUENCY (kHz)
80
90 100 110 120 130 140 150 160 170
190
180
200
IDD (µA)
VDD = 3V
VDD = 5V
Figure 32. IDD Histogram with VDD = 3 V and VDD = 5 V
Figure 34. Multiplying Bandwidth (Small-Signal Frequency Response)
–0.2
0
0.2
0.4
01
2
4
35
VREF (V)
TA = 25°C
VDD = 5V
250ns/DIV
0.903
0.904
0.905
0.906
0.907
0.908
0.909
0.910
0.911
0.912
0.913
0.914
0.915
0.916
0.917
Figure 33. AD5340 Major-Code Transition Glitch Energy
Figure 35. Full-Scale Error vs. VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com