Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5330 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 20Page - Analog Devices AD5330_08 Datasheet HTML 21Page - Analog Devices AD5330_08 Datasheet HTML 22Page - Analog Devices AD5330_08 Datasheet HTML 23Page - Analog Devices AD5330_08 Datasheet HTML 24Page - Analog Devices AD5330_08 Datasheet HTML 25Page - Analog Devices AD5330_08 Datasheet HTML 26Page - Analog Devices AD5330_08 Datasheet HTML 27Page - Analog Devices AD5330_08 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 25 of 28
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5330BRU
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5330BRU-REEL
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5330BRU-REEL7
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5330BRUZ1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5330BRUZ-REEL1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5330BRUZ-REEL71
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRU
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRU-REEL
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRU-REEL7
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRUZ1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRUZ-REEL1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5331BRUZ-REEL71
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5340BRU
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5340BRU-REEL
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5340BRU-REEL7
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5340BRUZ1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5340BRUZ-REEL1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5340BRUZ-REEL71
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5341BRU
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5341BRU-REEL
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5341BRU-REEL7
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5341BRUZ1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5341BRUZ-REEL1
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5341BRUZ-REEL71
–40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com