Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 21Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 22Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 23Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 24Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 25Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 26Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 27Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 28Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 25 of 80
–100
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 37. Phase Noise (Additive) CMOS at 250 MHz, Divide-by-4
–120
–160
–150
–140
–130
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 38. Phase Noise (Absolute) Clock Generation; Internal VCO at
1.475 GHz; PFD = 15.36 MHz; LBW = 135 kHz; LVPECL Output = 122.88 MHz
–90
–100
–110
–120
–130
–140
–150
–160
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 39. Phase Noise (Absolute) Clock Cleanup; Internal VCO at 1.556 GHz;
PFD = 19.44 MHz; LBW = 12.8 kHz; LVPECL Output = 155.52 MHz
–120
–160
–150
–140
–130
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 40. Phase Noise (Absolute), External VCXO (Toyocom TCO-2112) at
245.76 MHz; PFD = 15.36 MHz; LBW = 250 Hz; LVPECL Output = 245.76 MHz
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
JITTER FREQUENCY (kHz)
OC-48 OBJECTIVE MASK
AD9517
NOTE: 375UI MAX AT 10Hz OFFSET IS THE
MAXIMUM JITTER THAT CAN BE
GENERATED BY THE TEST EQUIPMENT.
FAILURE POINT IS GREATER THAN 375UI.
fOBJ
Figure 41. GR-253 Jitter Tolerance Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com