Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 8Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 9Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 10Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 11Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 12Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 13Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 14Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 15Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 12 of 80
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER NOT USED)
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 622.08 MHz; LVPECL = 622.08 MHz; Divider = 1
40
fs rms
BW = 12 kHz to 20 MHz
CLK = 622.08 MHz; LVPECL = 155.52 MHz; Divider = 4
80
fs rms
BW = 12 kHz to 20 MHz
CLK = 1.6 GHz; LVPECL = 100 MHz; Divider = 16
215
fs rms
Calculated from SNR of ADC method;
DCC not used for even divides
CLK = 500 MHz; LVPECL = 100 MHz; Divider = 5
245
fs rms
Calculated from SNR of ADC method;
DCC on
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 1.6 GHz; LVDS = 800 MHz; Divider = 2;
VCO Divider Not Used
85
fs rms
BW = 12 kHz to 20 MHz
CLK = 1 GHz; LVDS = 200 MHz; Divider = 5
113
fs rms
BW = 12 kHz to 20 MHz
CLK = 1.6 GHz; LVDS = 100 MHz; Divider = 16
280
fs rms
Calculated from SNR of ADC method;
DCC not used for even divides
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 1.6 GHz; CMOS = 100 MHz; Divider = 16
365
fs rms
Calculated from SNR of ADC method;
DCC not used for even divides
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER USED)
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 2.4 GHz; VCO DIV = 2; LVPECL = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
210
fs rms
Calculated from SNR of ADC method
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 2.4 GHz; VCO DIV = 2; LVDS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
285
fs rms
Calculated from SNR of ADC method
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL
and VCO; uses rising edge of clock signal
CLK = 2.4 GHz; VCO DIV = 2; CMOS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
350
fs rms
Calculated from SNR of ADC method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com