Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 42Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 43Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 44Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 45Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 46Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 47Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 48Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 49Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 46 of 80
Table 44. Divider 2 and Divider 3 Duty Cycle; VCO Divider
Not Used; Duty Cycle Correction On (DCCOFF = 0)
Input
Clock
Duty
Cycle
DX.1
DX.2
Output Duty Cycle
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
50%
1
1
50%
50%
Even
(NX.1 = MX.1)
1
50%
X%
1
1
X% (High)
X%
Even
(NX.1 = MX.1)
1
50%
50%
Odd
(MX.1 = NX.1 + 1)
1
50%
X%
Odd
(MX.1 = NX.1 + 1)
1
(NX.1 + 1 + X%)/
(2NX.1 + 3)
50%
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
X%
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
50%
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
X%
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
50%
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
50%
X%
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
(2NX.1NX.2 + 3NX.1 +
3NX.2 + 4 + X%)/
((2NX.1 + 3)(2NX.2 + 3))
Phase Offset or Coarse Time Delay (Divider 2 and Divider 3)
Divider 2 and Divider 3 can be set to have a phase offset or
delay. The phase offset is set by a combination of the bits in the
phase offset and start high registers (see Table 45).
Table 45. Setting Phase Offset and Division for Divider 2 and
Divider 3
Divider
Start
High (SH)
Phase
Offset (PO)
Low
Cycles M
High
Cycles N
2
2.1
0x19C[0]
0x19A[3:0]
0x199[7:4]
0x199[3:0]
2.2
0x19C[1]
0x19A[7:4]
0x19B[7:4]
0x19B[3:0]
3
3.1
0x1A1[0]
0x19F[3:0]
0x19E[7:4]
0x19E[3:0]
3.2
0x1A1[1]
0x19F[7:4]
0x1A0[7:4]
0x1A0[3:0]
Let
Δt = delay (in seconds).
Φx.y = 16 × SH[0] + 8 × PO[3] + 4 × PO[2] + 2 × PO[1] +
1 × PO[0].
TX.1 = period of the clock signal at the input to DX.1 (in seconds).
TX.2 = period of the clock signal at the input to DX.2 (in seconds).
Case 1
When Φx.1 ≤ 15 and Φx.2 ≤ 15:
Δt = Φx.1 × TX.1 + ΦX.2 × Tx.2
Case 2
When Φx.1 ≤ 15 and Φx.2 ≥ 16:
Δt = ΦX.1 × TX.1 + (ΦX.2 − 16 + MX.2 + 1) × TX.2
Case 3
When ΦX.1 ≥ 16 and ΦX.2 ≤ 15:
Δt = (ΦX.1 − 16 + MX.1 + 1) × TX.1 + ΦX.2 × TX.2
Case 4
When ΦX.1 ≥ 16 and ΦX.2 ≥ 16:
Δt =
(ΦX.1 − 16 + MX.1 + 1) × TX.1 + (ΦX.2 − 16 + MX.2 + 1) × TX.2
Fine Delay Adjust (Divider 2 and Divider 3)
Each AD9517 LVDS/CMOS output (OUT4 to OUT7) includes
an analog delay element that can be programmed to give
variable time delays (Δt) in the clock signal at that output.
DIVIDER
X.2
DIVIDER
X.1
ΔT
OUTM
OUTM
BYPASS
FINE DELAY
ADJUST
CMOS
LVDS
CMOS
ΔT
OUTN
OUTN
BYPASS
FINE DELAY
ADJUST
CMOS
LVDS
CMOS
OUTPUT
DRIVERS
CLK
VCO
DIVIDER
Figure 56. Fine Delay (OUT4 to OUT7)
The amount of delay applied to the clock signal is determined
by programming four registers per output (see Table 46).
Table 46. Setting Analog Fine Delays
OUTPUT
(LVDS/CMOS)
Ramp
Capacitors
Ramp
Current
Delay
Fraction
Delay
Bypass
OUT4
0x0A1[5:3]
0x0A1[2:0]
0x0A2[5:0]
0x0A0[0]
OUT5
0x0A4[5:3]
0x0A4[2:0]
0x0A5[5:0]
0x0A3[0]
OUT6
0x0A7[5:3]
0x0A7[2:0]
0x0A8[5:0]
0x0A6[0]
OUT7
0x0AA[5:3]
0x0AA[2:0]
0x0AB[5:0]
0x0A9[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com