Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 20Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 21Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 22Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 23Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 24Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 25Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 26Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 27Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 24 of 80
–120
–130
–125
–135
–140
–145
–150
–155
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 31. Phase Noise (Additive) LVPECL at 245.76 MHz, Divide-by-1
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 32. Phase Noise (Additive) LVPECL at 200 MHz, Divide-by-5
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 33. Phase Noise (Additive) LVPECL at 1600 MHz, Divide-by-1
–110
–160
–150
–140
–130
–120
10
100M
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
Figure 34. Phase Noise (Additive) LVDS at 200 MHz, Divide-by-1
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 35. Phase Noise (Additive) LVDS at 800 MHz, Divide-by-2
–120
–130
–140
–150
–160
–170
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 36. Phase Noise (Additive) CMOS at 50 MHz, Divide-by-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com