Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 39Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 40Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 41Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 42Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 43Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 44Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 45Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 46Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 43 of 80
Duty Cycle and Duty-Cycle Correction (0, 1)
The duty cycle of the clock signal at the output of a channel is a
result of some or all of the following conditions:
•
What are the M and N values for the channel?
•
Is the DCC enabled?
•
Is the VCO divider used?
•
What is the CLK input duty cycle? (The internal VCO has
a 50% duty cycle.)
The DCC function is enabled by default for each channel divider.
However, the DCC function can be disabled individually for
each channel divider by setting the DCCOFF bit for that channel.
Certain M and N values for a channel divider result in a non-50%
duty cycle. A non-50% duty cycle can also result with an even
division, if M ≠ N. The duty-cycle correction function
automatically corrects non-50% duty cycles at the channel
divider output to 50% duty cycle. Duty-cycle correction
requires the following channel divider conditions:
•
An even division must be set as M = N.
•
An odd division must be set as M = N + 1.
When not bypassed or corrected by the DCC function, the duty
cycle of each channel divider output is the numerical value of
(N + 1)/(N + M + 2), expressed as a percentage (%).
The duty cycle at the output of the channel divider for various
configurations is shown in Table 35 to Table 37.
Table 35. Duty Cycle with VCO Divider; Input Duty Cycle Is 50%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
DCCOFF = 1
DCCOFF = 0
Even
1 (divider
bypassed)
50%
50%
Odd = 3
1 (divider
bypassed)
33.3%
50%
Odd = 5
1 (divider
bypassed)
40%
50%
Even, Odd
Even
(N + 1)/
(N + M + 2)
50%; requires M = N
Even, Odd
Odd
(N + 1)/
(N + M + 2)
50%; requires M = N + 1
Table 36. Duty Cycle with VCO Divider; Input Duty Cycle Is X%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
DCCOFF = 1
DCCOFF = 0
Even
1 (divider
bypassed)
50%
50%
Odd = 3
1 (divider
bypassed)
33.3%
(1 + X%)/3
Odd = 5
1 (divider
bypassed)
40%
(2 + X%)/5
Even
Even
(N + 1)/
(N + M + 2)
50%,
requires M = N
Odd
(N + 1)/
(N + M + 2)
50%,
requires M = N + 1
Odd = 3
Even
(N + 1)/
(N + M + 2)
50%,
requires M = N
Odd = 3
Odd
(N + 1)/
(N + M + 2)
(3N + 4 + X%)/(6N + 9),
requires M = N + 1
Odd = 5
Even
(N + 1)/
(N + M + 2)
50%,
requires M = N
Odd = 5
Odd
(N + 1)/
(N + M + 2)
(5N + 7 + X%)/(10N +
15), requires M = N + 1
Table 37. Channel Divider Output Duty Cycle When the
VCO Divider Is Not Used
Input
Clock
Duty
Cycle
DX
Output Duty Cycle
N + M + 2
DCCOFF = 1
DCCOFF = 0
Any
1
1 (divider
bypassed)
Same as input
duty cycle
Any
Even
(N + 1)/
(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/
(M + N + 2)
50%, requires
M = N + 1
X%
Odd
(N + 1)/
(M + N + 2)
(N + 1 + X%)/(2 × N + 3),
requires M = N + 1
The internal VCO has a duty cycle of 50%. Therefore, when the
VCO is connected directly to the output, the duty cycle is 50%.
If the CLK input is routed directly to the output, the duty cycle of
the output is the same as the CLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com