Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 55Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 56Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 57Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 58Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 59Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 60Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 61Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 62Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 59 of 80
CONTROL REGISTER MAP DESCRIPTIONS
Table 53 through Table 62 provide a detailed description of each of the control register functions. The registers are listed by hexadecimal
address. A range of bits (for example, from Bit 5 through Bit 2) is indicated using a colon and brackets, as follows: [5:2].
Table 53. Serial Port Configuration and Part ID
Reg.
Addr
(Hex)
Bits
Name
Description
0x000
[7:4]
Mirrored, Bits[3:0]
Bits[7:4] should always mirror Bits[3:0] so that it does not matter whether the part
is in MSB or LSB first mode (see Bit 1, Register 0x000). The user should set the bits as follows:
Bit 7 = Bit 0.
Bit 6 = Bit 1.
Bit 5 = Bit 2.
Bit 4 = Bit 3.
3
Long instruction
Short/long instruction mode. This part uses long instruction mode only, so this bit should
always be set to 1b.
0: 8-bit instruction (short).
1: 16-bit instruction (long) (default).
2
Soft reset
Soft reset.
1: soft reset; restores default values to internal registers. Not self-clearing. Must be cleared to
0b to complete reset operation.
1
LSB first
MSB or LSB data orientation.
0: data-oriented MSB first; addressing decrements (default).
1: data-oriented LSB first; addressing increments.
0
SDO active
Selects unidirectional or bidirectional data transfer mode.
0: SDIO pin used for write and read; SDO set to high impedance; bidirectional mode (default).
1: SDO used for read, SDIO used for write; unidirectional mode.
0x003
[7:0]
Part ID (read only)
Uniquely identifies the dash version (-0 through -4) of the AD9517
AD9517-0: 0x11
AD9517-1: 0x51
AD9517-2: 0x91
AD9517-3: 0x53
AD9517-4: 0xD3
0x004
0
Read back active registers
Selects register bank used for a readback.
0: reads back buffer registers (default).
1: reads back active registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com