Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 56Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 57Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 58Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 59Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 60Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 61Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 62Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 63Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 60 of 80
Table 54. PLL
Reg.
Addr.
(Hex)
Bits
Name
Description
0x010
7
PFD polarity
Sets the PFD polarity. Negative polarity is for use (if needed) with external VCO/VCXO only. The on-chip VCO requires
positive polarity; Bit 7 = 0b.
0: positive; higher control voltage produces higher frequency (default).
1: negative; higher control voltage produces lower frequency.
[6:4]
CP current
Charge pump current (with CPRSET = 5.1 kΩ).
6
5
4
ICP (mA)
0
0
0
0.6
0
0
1
1.2
0
1
0
1.8
0
1
1
2.4
1
0
0
3.0
1
0
1
3.6
1
1
0
4.2
1
1
1
4.8 (default)
[3:2]
CP mode
Charge pump operating mode.
3
2
Charge Pump Mode
0
0
High impedance state.
0
1
Force source current (pump up).
1
0
Force sink current (pump down).
1
1
Normal operation (default).
[1:0]
PLL power-down
PLL operating mode.
1
0
Mode
0
0
Normal operation.
0
1
Asynchronous power-down (default).
1
0
Normal operation.
1
1
Synchronous power-down.
0x011
[7:0]
14-bit R divider,
Bits[7:0] (LSB)
R divider LSBs—lower eight bits (default = 0x01).
0x012
[5:0]
14-bit R divider,
Bits[13:8] (MSB)
R divider MSBs—upper six bits (default = 0x00).
0x013
[5:0]
6-bit A counter
A counter (part of N divider) (default = 0x00).
0x014
[7:0]
13-bit B counter,
Bits[7:0] (LSB)
B counter (part of N divider)—lower eight bits (default = 0x03).
0x015
[4:0]
13-bit B counter,
Bits[12:8] (MSB)
B counter (part of N divider)—upper five bits (default = 0x00).
0x016
7
Set CP pin to VCP/2
Sets the CP pin to one-half of the VCP supply voltage.
0: CP normal operation (default).
1: CP pin set to VCP/2.
6
Reset R counter
Resets R counter (R divider).
0: normal (default).
1: holds the R counter in reset.
5
Reset A, B counters
Resets A and B counters (part of N divider).
0: normal (default).
1: holds the A and B counters in reset.
4
Reset all counters
Resets R, A, and B counters.
0: normal (default).
1: holds the R, A, and B counters in reset.
3
B counter
B counter bypass. This is valid only when operating the prescaler in FD mode.
bypass
0: normal (default).
1: B counter is set to divide-by-1. This allows the prescaler setting to determine the divide for the N divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com