Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 53Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 54Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 55Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 56Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 57Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 58Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 59Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 60Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 57 of 80
Reg.
Addr.
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Fine Delay Adjust—OUT4 to OUT7
0x0A0
OUT4 delay
bypass
Blank
OUT4 delay
bypass
0x01
0x0A1
OUT4 delay
full-scale
Blank
OUT4 ramp capacitors
OUT4 ramp current
0x00
0x0A2
OUT4 delay
fraction
Blank
OUT4 delay fraction
0x00
0x0A3
OUT5 delay
bypass
Blank
OUT5 delay
bypass
0x01
0x0A4
OUT5 delay
full-scale
Blank
OUT5 ramp capacitors
OUT5 ramp current
0x00
0x0A5
OUT5 delay
fraction
Blank
OUT5 delay fraction
0x00
0x0A6
OUT6 delay
bypass
Blank
OUT6 delay
bypass
0x01
0x0A7
OUT6 delay
full-scale
Blank
OUT6 ramp capacitors
OUT6 ramp current
0x00
0x0A8
OUT6 delay
fraction
Blank
OUT6 delay fraction
0x00
0x0A9
OUT7 delay
bypass
Blank
OUT7 delay
bypass
0x01
0x0AA
OUT7 delay
full-scale
Blank
OUT7 ramp capacitors
OUT7 ramp current
0x00
0x0AB
OUT7 delay
fraction
Blank
OUT7 delay fraction
0x00
0x0AC
to
0x0EF
Blank
LVPECL Outputs
0x0F0
OUT0
Blank
OUT0
invert
OUT0 LVPECL
differential voltage
OUT0 power-down
0x08
0x0F1
OUT1
Blank
OUT1
invert
OUT1 LVPECL
differential voltage
OUT1 power-down
0x0A
0x0F2,
0x0F3
Reserved
0x0F4
OUT2
Blank
OUT2
invert
OUT2 LVPECL
differential voltage
OUT2 power-down
0x08
0x0F5
OUT3
Blank
OUT3
invert
OUT3 LVPECL
differential voltage
OUT3 power-down
0x0A
0x0F6
to
0x13F
Blank
LVDS/CMOS Outputs
0x140
OUT4
OUT4 CMOS
output polarity
OUT4 LVDS/
CMOS
output
polarity
OUT4
CMOS B
OUT4 select
LVDS/CMOS
OUT4 LVDS
output current
OUT4
power-down
0x42
0x141
OUT5
OUT5 CMOS
output polarity
OUT5 LVDS/
CMOS
output
polarity
OUT5
CMOS B
OUT5 select
LVDS/CMOS
OUT5 LVDS
output current
OUT5
power-down
0x43
0x142
OUT6
OUT6 CMOS
output polarity
OUT6 LVDS/
CMOS
output
polarity
OUT6
CMOS B
OUT6 select
LVDS/CMOS
OUT6 LVDS
output current
OUT6
power-down
0x42
0x143
OUT7
OUT7 CMOS
output polarity
OUT7 LVDS/
CMOS
output
polarity
OUT7
CMOS B
OUT7 select
LVDS/CMOS
OUT7 LVDS
output current
OUT7
power-down
0x43
0x144
to
0x18F
Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com