Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 2Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 3Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 4Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 5Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 6Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 7Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 8Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 9Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 6 of 80
CLOCK INPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK, CLK)
Differential input
Input Frequency
01
2.4
GHz
High frequency distribution (VCO divider)
01
1.6
GHz
Distribution only (VCO divider bypassed)
Input Sensitivity, Differential
150
mV p-p
Measured at 2.4 GHz; jitter performance is improved
with slew rates > 1 V/ns
Input Level, Differential
2
V p-p
Larger voltage swings may turn on the protection
diodes and may degrade jitter performance
Input Common-Mode Voltage, VCM
1.3
1.57
1.8
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLK ac-bypassed to RF ground
Input Resistance
3.9
4.7
5.7
kΩ
Self-biased
Input Capacitance
2
pF
1
Below about 1 MHz, the input should be dc-coupled. Care should be taken to match VCM.
CLOCK OUTPUTS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2, OUT3
Differential (OUT, OUT)
Output Frequency, Maximum
2950
MHz
Using direct to output; see Figure 25 for peak-to-peak
differential amplitude
Output High Voltage (VOH)
VS_LVPECL −
1.12
VS_LVPECL −
0.98
VS_LVPECL −
0.84
V
Output Low Voltage (VOL)
VS_LVPECL −
2.03
VS_LVPECL −
1.77
VS_LVPECL −
1.49
V
Output Differential Voltage (VOD)
550
790
980
mV
This is VOH − VOL for each leg of a differential pair for
default amplitude setting with driver not toggling; the
peak-to-peak amplitude measured using a differential
probe across the differential pair with the driver toggling
is roughly 2× these values (see Figure 25 for variation
over frequency)
LVDS CLOCK OUTPUTS
Differential termination 100 Ω at 3.5 mA
OUT4, OUT5, OUT6, OUT7
Differential (OUT, OUT)
Output Frequency
800
MHz
The AD9517 outputs toggle at higher frequencies,
but the output amplitude may not meet the VOD
specification; see Figure 26
Output Differential Voltage (VOD)
247
360
454
mV
VOH − VOL measurement across a differential pair at the
default amplitude setting with output driver not
toggling; see Figure 26 for variation over frequency
Delta VOD
25
mV
This is the absolute value of the difference between
VOD when the normal output is high vs. when the
complementary output is high
Output Offset Voltage (VOS)
1.125
1.24
1.375
V
(VOH + VOL)/2 across a differential pair
Delta VOS
25
mV
This is the absolute value of the difference between
VOS when the normal output is high vs. when the
complementary output is high
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com