Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 62Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 63Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 64Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 65Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 66Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 67Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 68Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 69Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 66 of 80
Table 55. Fine Delay Adjust—OUT4 to OUT7
Reg.
Addr.
(Hex)
Bits
Name
Description
0x0A0
0
OUT4 delay bypass
Bypasses or uses the delay function.
0: uses delay function.
1: bypasses delay function (default).
0x0A1
[5:3]
OUT4 ramp capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the
number of the capacitors and the ramp current sets the delay full scale.
5
4
3
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
[2:0]
OUT4 ramp current
Ramp current for the delay function. The combination of the number of capacitors and the ramp
current sets the delay full scale.
2
1
0
Current (µA)
0
0
0
200 (default)
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
0x0A2
[5:0]
OUT4 delay fraction
Selects the fraction of the full-scale delay desired (6-bit binary).
A setting of 000000b gives zero delay.
Only delay values up to 47 decimals (101111b; 0x2F) are supported (default = 0x00).
0x0A3
0
OUT5 delay bypass
Bypasses or uses the delay function.
0: uses delay function.
1: bypasses delay function (default).
0x0A4
[5:3]
OUT5 ramp capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the
number of the capacitors and the ramp current sets the delay full scale.
5
4
3
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com