Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-4A/PCBZ Datasheet(PDF) 68 Page - Analog Devices

Part # AD9517-4A/PCBZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4A/PCBZ Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9517-4A/PCBZ Datasheet HTML 64Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 65Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 66Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 67Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 68Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 69Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 70Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 71Page - Analog Devices AD9517-4A/PCBZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 68 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
0x0AA
[5:3]
OUT7 ramp capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the
number of capacitors and the ramp current sets the delay full scale.
5
4
3
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
[2:0]
OUT7 ramp current
Ramp current for the delay function. The combination of the number of capacitors and the ramp
current sets the delay full scale.
2
1
0
Current Value (µA)
0
0
0
200 (default)
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
0x0AB
[5:0]
OUT7 delay fraction
Selects the fraction of the full-scale delay desired (6-bit binary).
A setting of 000000b gives zero delay.
Only delay values up to 47 decimals (101111b; 0x2F) are supported (default = 0x00).
Table 56. LVPECL Outputs
Reg.
Addr.
(Hex)
Bits
Name
Description
0x0F0
4
OUT0 invert
Sets the output polarity.
0: noninverting (default).
1: inverting.
[3:2]
OUT0 LVPECL
Sets the LVPECL output differential voltage (VOD).
differential voltage
3
2
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
[1:0]
OUT0 power-down
LVPECL power-down modes.
1
0
Mode
Output
0
0
Normal operation (default).
On
0
1
Partial power-down, reference on;
use only if there are no external load resistors.
Off
1
0
Partial power-down, reference on, safe LVPECL power-down.
Off
1
1
Total power-down, reference off;
use only if there are no external load resistors.
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com