Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 98Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 99Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 100Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 102Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 132 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
102/132
DocID023353 Rev 6
Figure 31. USB timings: definition of data signal rise and fall time
Table 64. USB DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input levels
VDD
USB operating voltage(2)
2. To be compliant with the USB 2.0 full-speed electrical specification, the USB_DP (D+) pin should be pulled
up with a 1.5 k
Ω resistor to a 3.0-to-3.6 V voltage range.
3.0(3)
3. The STM32F3xxx USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics
which are degraded in the 2.7-to-3.0 V VDD voltage range.
3.6
V
VDI(4)
4. Guaranteed by design, not tested in production.
Differential input sensitivity
I(USB_DP, USB_DM)
0.2
-
V
VCM(4) Differential common mode range
Includes VDI range
0.8
2.5
VSE(4)
Single ended receiver threshold
1.3
2.0
Output levels
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V(5)
5. RL is the load connected on the USB drivers.
-0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS(5)
2.8
3.6
ai14137
tf
Differen tial
Data L ines
VSS
VCRS
tr
Crossover
points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com