Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 102Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 132 page
background image
DocID023353 Rev 6
105/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
10 bits
1.5
20.83
0.082
NA
NA
2.5
34.72
0.270
0.082
0.100
4.5
62.50
0.560
0.390
0.330
7.5
104.17
1.20
0.82
0.68
19.5
270.83
3.30
2.70
2.20
61.5
854.17
10.0
8.2
6.8
181.5
2520.83
33.0
27.0
22.0
601.5
8354.17
100.0
82.0
68.0
8 bits
1.5
20.83
0.150
NA
0.039
2.5
34.72
0.390
0.180
0.180
4.5
62.50
0.820
0.560
0.470
7.5
104.17
1.50
1.20
1.00
19.5
270.83
3.90
3.30
2.70
61.5
854.17
12.00
12.00
8.20
181.5
2520.83
39.00
33.00
27.00
601.5
8354.17
100.00
100.00
82.00
6 bits
1.5
20.83
0.270
0.100
0.150
2.5
34.72
0.560
0.390
0.330
4.5
62.50
1.200
0.820
0.820
7.5
104.17
2.20
1.80
1.50
19.5
270.83
5.60
4.70
3.90
61.5
854.17
18.0
15.0
12.0
181.5
2520.83
56.0
47.0
39.0
601.5
8354.17
100.00
100.0
100.0
1. Data based on characterization results, not tested in production
.
2. All fast channels, expect channels on PA2, PA6, PB1, PB12.
3. Channels available on PA2, PA6, PB1 and PB12.
Table 67. Maximum ADC RAIN (1) (continued)
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max (kΩ)
Fast channels(2)
Slow
channels
Other
channels(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com