Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 28 of 36
Table 7. Evaluation Board Configuration Options
Component
Function
Default Condition
VCC, VCC2, VCC_LDO, VCC_LO,
VCC_LO1, VCC_RF, VCC_BB1, 3P3V1,
3P3V2, 3P3V_FORCE, 2P5V, CLK,
DATA, LE, CP, DIG_GND, GND, GND1,
GND2
Power supply, ground and other test points.
Connect a 5 V supply to VCC. Connect a 3.3 V
supply to 3P3V_FORCE.
VCC, VCC2, VCC_LO, VCC_RF, VCC_BB1,
VCC_LO1, VCO_LDO, 3P3V1, 3P3V2, 2P5V =
Components Corporation TP-104-01-02,
CP, LE, CLK, DATA, 3P3V_FORCE =
Components Corporation TP-104-01-06,
GND, GND1, GND2, DIG_GND =
Components Corporation TP-104-01-00
R1, R6, R7, R8, R13, R14, R15, R17,
R18, R24, R25, R27, R28, R29, R31,
R32, R34, R36, R49
Power supply decoupling. Shorts or power supply
decoupling resistors.
R1, R6, R7, R8 = 0 Ω (0402),
R13, R14, R15, R17 = 0 Ω (0402),
R18, R24, R25, R27 = 0 Ω (0402),
R28, R29, R31, R32 = 0 Ω (0402),
R34, R36 = 0 Ω (0402),
R49 = open (0402)
C1, C2, C3, C4, C7, C8, C9, C10, C11,
C12, C16, C17, C18, C19, C20, C21,
C22, C23, C24, C25, C26, C27, C28,
C35, C36, C37, C40
The capacitors provide the required decoupling of
the supply-related pins.
C1, C8, C10, C12 = 100 pF (0402),
C16, C18, C21, C22 = 100 pF (0402),
C24, C26 = 100 pF (0402),
C2, C7, C9, C11 = 0.1 μF (0402),
C17, C19, C20, C23 = 0.1 μF (0402),
C25, C40 = 0.1 μF (0402),
C3, C4, C27, C35 = 10 μF (0603),
C36, C37 = 10 μF (0603),
C28 = 10 μF (3216)
T1, C5, C6
External LO path. The T1 transformer provides
single-ended-to-differential conversion. C5 and C6
provide the necessary ac coupling.
C5, C6 = 1 nF (0603),
T1 = TC1-1-13+ Mini-Circuits
R16, R26, R58, C31
REFIN input path. R26 provides a broadband 50 Ω
termination followed by C31, which provides the
ac coupling into REFIN. R16 provides an external
connectivity to the MUXOUT feature described in
Register 4. R58 provides option for connectivity to
the P1-6 line of a 9-pin D-sub connector for dc
measurements.
R26 = 49.9 Ω (0402),
R16 = 0 Ω (0402),
R58 = open (0402),
C31 = 1 nF (0603)
R2, R9, R10, R11, R12, R37, R38, R59,
C14, C15, C13
Loop filter component options. A variety of loop
filter topologies is supported using component
placements C13, C14, C15, R9, and R10. R38 and
R59 provide connectivity options to numerous test
points for engineering evaluation purposes. R2
provides resistor programmability of the charge
pump current (see Register 4 description). R37
connects the charge pump output to the loop filter.
R12 references the loop filter to the VCO_LDO.
R12, R37, R38 = 0 Ω (0402),
R59 = open (0402),
R9 = 5.6 kΩ (0402),
R10 = 1.6 kΩ (0402),
R2, R11 = open (0402),
C13 = 62pF (0402),
C14 = 300pF (0402),
C15 = 6.2nF (1206)
R3, R4, R5, R21, R22, R23, R39, R40,
R41, R42, R43, R44, R45, R46, R47,
R48, C29, C30, T2, T3, P2, P3
IF I/Q output paths. The T2 and T3 baluns provide a
9:1 impedance transformation; therefore, with a 50 Ω
load on the single-ended IOUT/QOUT side, the center
tap side of the balun presents a differential 450 Ω
to the ADRF6806. The center taps of the baluns are
ac grounded through C29 and C30. The baluns create
a differential-to-single-ended conversion for ease
of testing and use, but an option to have straight
differential outputs is achieved via populating R3,
R39, R23, and R42 with 0 Ω resistors and removing
R4, R5, R21, and R22. P2 and P3 are differential
measurement test points (not to be used as jumpers).
R4, R5, R21, R22, = 0 Ω (0402),
R40, R43, R45, R46 = 0 Ω (0402),
R47, R48 = 0 Ω (0402),
R3, R23, R39, R41, R42, R44 = open (0402),
C29, C30, = 0.1 μF (0402),
T2, T3 = TCM9-1+ Mini-Circuits,
P2, P3 = Samtec SSW-102-01-G-S
C38, C39, T4
RF input interface. T4 provides the single-ended-
to-differential conversion required to drive RFIP and
RFIN. T4 provides a 2:1 impedance transformation.
A single-ended 50 Ω load on the RFIN SMA
connector transforms to a differential 100 Ω
presented across the RFIP (Pin 25) and RFIN (Pin 26)
pins. C38 and C39 are ac coupling capacitors.
C38, C39 = 1000 pF (0402),
T4 = ADTL2-18+ Mini-Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com