Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 13 of 36
COMPLEMENTARY CUMULATIVE DISTRIBUTION FUNCTIONS (CCDF)
VS1 = 5 V, VS2 = 3.3 V, fLO = 140 MHz, fBB = 4.5 MHz.
0
10
20
30
40
50
60
70
80
90
100
024
68
10
12
14
GAIN (dB) AND INPUT P1dB (dBm)
IP1dB
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
GAIN
Figure 27. Gain and Input P1dB
0
10
20
30
40
50
60
70
80
90
100
20
22
24
26
28
30
32
34
INPUT IP3 (dBm)
LPEN = 0
LPEN = 1
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 28. Input IP3
0
10
20
30
40
50
60
70
80
90
100
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
IQ GAIN MISMATCH (dB)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 29. IQ Gain Mismatch
0
10
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
INPUT IP2 (dBm)
LPEN = 1
LPEN = 0
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 30. Input IP2
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
1012
1416
1820
NOISE FIGURE (dB)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 31. Noise Figure
0
10
20
30
40
50
60
70
80
90
100
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
IQ QUADRATURE PHASE ERROR (Degrees)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 32. IQ Quadrature Phase Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com