Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 24 of 36
EVM MEASUREMENTS
Figure 42 shows that the ADRF6806 exhibited excellent EVM
performance, with the EVM being better than −40 dB over an
RF input range of about +35 dB for a 4 QAM modulated signal
at a 5 MHz symbol rate at a 0 Hz IF. The pulse shaping filter’s
roll-off, or alpha, was set to 0.35. EVM and was tested for both
power modes: lower power mode disabled (LPEN = 0) and low
power mode enabled (LPEN = 1). When low power mode was
enabled, the EVM was better at lower RF input signal levels due
to less noise while running in low power mode. While in normal
power mode (LPEN = 0), the EVM remained undegraded at
higher RF input signal levels.
EVM is a measure used to quantify the performance of a digital
radio transmitter or receiver. A signal received by a receiver has
all constellation points at their ideal locations; however, various
imperfections in the implementation (such as magnitude
imbalance, noise floor, and phase imbalance) cause the actual
constellation points to deviate from their ideal locations.
In general, a demodulator exhibits three distinct EVM limitations
vs. received input signal power. As signal power increases, the
distortion components increase. At large enough signal levels,
where the distortion components due to the harmonic non-
linearities in the device are falling in-band, EVM degrades
as signal levels increase. At medium signal levels, where the
demodulator behaves in a linear manner and the signal is well
above any notable noise contributions, the EVM has a tendency to
reach an optimal level determined dominantly by either quadrature
accuracy and I/Q gain match of the demodulator or the precision
of the test equipment. As signal levels decrease, such that the
noise is a major contribution, the EVM performance vs. the signal
level exhibits a decibel-for-decibel degradation with decreasing
signal level. At lower signal levels, where noise proves to be the
dominant limitation, the decibel EVM proves to be directly
proportional to the SNR.
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
RF INPUT POWER (dBm)
–60
–50
–40
–30
–20
–10
0
10
20
LPEN = 0
LPEN = 1
The basic test setup to test EVM for the ADRF6806 consisted of an
Agilent E4438C, which was used as a signal source. The 140 MHz
modulated signal was driven single-ended into the RFIN SMA
connector of the ADRF6806 evaluation board. The IQ baseband
outputs were taken differentially into a pair of AD8130 difference
amplifiers to convert the differential signals to single-ended. The
output impedance driven by the ADRF6806 was set to 450 Ω
differential. The single-ended I and Q signals were then sampled
by an Agilent DSO7104B oscilloscope. The Agilent 89600 VSA
software was used to calculate the EVM of the signal. The signal
source used for the reference input was a Wenzel 100 MHz quartz
oscillator set to an amplitude of 1 V p-p. The reference path was
set to divide-by-four, resulting in a PFD frequency of 25 MHz.
Figure 42. EVM Measurements @ 140 MHz 16 QAM; Symbol Rate = 5 MHz;
BB IF Frequency of 5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com