Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 21 of 36
Register 7—LO Divider Control
Register 7 controls the LO path main divider settings as well as the LO output path divider setting. Table 5 indicates how to program this
register to achieve various divider modes.
DIVIDER
SELECT
DIV A/B
CONTROL
OUTPUT DIV
CONTROL
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DIVS1
DB6
DB5
DB4 DB3 DB2 DB1 DB0
0
0
DIVAB1 DIVAB0
DIVS0 ODIV1 ODIV0
0
C3(1) C2(1) C1(1)
DIVAB1
0
0
2 (DEFAULT)
3
DIVIDE RATIO
CONTROL BITS
DIVAB0
0
1
1
1
4 (NOT VALID FOR DIVB)
5 (NOT VALID FOR DIVB)
0
1
DIVS1
0
0
DIV B ONLY (DEFAULT)
DIV A FOLLOWED BY ÷ 2
DIVIDE RATIO
DIVS0
0
1
1
1
DIV A FOLLOWED BY ÷ 4
DIV A FOLLOWED BY ÷ 8
0
1
ODIV1
0
0
4 (DEFAULT)
4
DIVIDE RATIO
ODIV0
0
1
1
1
6
8
0
1
0
0
000
00
0
000
0
Figure 40. LO Divider Control Register (R7)
LO DIVIDER PROGRAMMING
Table 5. Main Divider (Only Divide Ratios and Combinations Specified Are Guaranteed)
Divider Cascade
fLO (MHz)
LO Divider
Ratio
fVCO (MHz)
Divide-by-2 to Divide-by-5
Divide-by-2, Divide-by-4, or
Divide-by-8
Quadrature
Divide-by-2
Register 7
DB[9:6]
35 to 52.5
80
2800 to 4200
5
8
2
11 11
43.75 to 65.62
64
2800 to 4200
4
8
2
10 11
58.33 to 87.5
48
2800 to 4200
3
8
2
01 11
70 to 105
40
2800 to 4200
5
4
2
11 10
87.5 to 131.25
32
2800 to 4200
4
4
2
10 10
116.7 to 175
24
2800 to 4200
3
4
2
01 10
140 to 210
20
2800 to 4200
5
2
2
11 01
175 to 262.5
16
2800 to 4200
4
2
2
10 01
233.3 to 350
12
2800 to 4200
3
2
2
01 01
350 to 525
8
2800 to 4200
2
2
2
00 01
Table 6. Output Divider
fLO Output (MHz)
Output Divider Ratio
fVCO (MHz)
Register 7DB[5:4]
350 to 525
8
2800 to 4200
11
466.67 to 700
6
2800 to 4200
10
700 to 1050
4
2800 to 4200
01
PROGRAMMING EXAMPLE
For example, internal LO frequency = 140 MHz. This can be accomplished with the VCO/PLL frequency at 2800 MHz and an LO divide
ratio of 20. The choice of output divider ratio of 8 gives an output frequency of 350 MHz. To achieve this combination, a binary code of
11 01 11 should be programmed into DB[9:4] of Register 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com