Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 32 of 36
CHARACTERIZATION SETUPS
Figure 50 to Figure 52 show the general characterization bench
setups used extensively for the ADRF6806. The setup shown in
Figure 50 was used to do the bulk of the testing. An automated
Agilent VEE program was used to control the equipment over the
IEEE bus. This setup was used to measure gain, input P1dB, output
P1dB, input IP2, input IP3, IQ gain mismatch, IQ quadrature
accuracy, and supply current. The evaluation board was used to
perform the characterization with a Mini-Circuits TCM9-1+ balun
on each of the I and Q outputs. When using the TCM9-1+ balun
below 5 MHz (the specified 1 dB low frequency corner of the
balun), distortion performance degrades; however, this is not
the ADRF6806 degrading, merely the low frequency corner of
the balun introducing distortion effects. Through this balun, the
9-to-1 impedance transformation effectively presented a 450 Ω
differential load at each of the I and Q channels. The use of the
broadband Mini-Circuits ADTL2-18+ balun on the input provided
a differential balanced RF input. The losses of both the input and
output baluns were de-embedded from all measurements.
To do phase noise and reference spur measurements, the setup
shown in Figure 52 was used. Phase noise was measured at the
baseband output (I or Q) at a baseband carrier frequency of
50 MHz. The baseband carrier of 50 MHz was chosen to allow
phase noise measurements to be taken at frequencies of up to
20 MHz offset from the carrier. The noise figure was measured
using the setup shown in Figure 51 at a baseband frequency
of 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com