Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 23 of 36
I/Q OUTPUT CONNECTIONS
The ADRF6806 has I and Q baseband outputs. Each output
stage consists of emitter follower output transistors with a low
differential impedance of 28 Ω and can source up to 12 mA p-p
differentially. A Mini-Circuits TCM9-1+ balun is used to trans-
form a single-ended 50 Ω load impedance into a nominal 450 Ω
differential impedance.
RF INPUT CONNECTIONS
The ADRF6806 uses a Mini-Circuits ADTL2-18+ balun with a 2:1
impedance ratio to transform a single-ended 50 Ω impedance
into a differential 100 Ω impedance. Coupling capacitors whose
impedance is small compared to 100 Ω at the frequency of operation
are used to isolate the dc bias points of the RF input stage.
CHARGE PUMP/VTUNE CONNECTIONS
The ADRF6806 uses a loop filter to create the VTUNE voltage
for the internal VCO. The loop filter in its simplest form is an
integrating capacitor. It converts the current mode error signal
coming out of the CPOUT pin into a voltage in which to control
the VCO via the VTUNE voltage. The stock filter on the
evaluation board has a bandwidth of 67 kHz. The loop filter
contains five components, three capacitors, and two resistors.
Changing the values of these components changes the
bandwidth of the loop filter.
LO SELECT INTERFACE
The ADRF6806 has the option of either monitoring a scaled
version of the internally generated LO (LOSEL pin driven high
at 3.3 V) or providing an external LO source (LOSEL pin driven
low to ground, the LDRV bit in Register 5 set low, and the LXL bit
in Register 5 set high). See the Pin Configuration and Function
Descriptions section for full operation details.
EXTERNAL LO INTERFACE
The ADRF6806 provides the option to use an external signal
source for the LO into the IQ demodulating mixer core. It is
important to note that the applied LO signal is divided down by
a divider (programmable to between 4 and 80) prior to the actual
IQ demodulating mixer core. The divider is determined by the
register settings in the LO path and mixer control register (see
the Register 5—LO Path and Demodulator Control section).
The LO input pins (Pin 37 and Pin 38) present a broadband
differential 50 Ω input impedance. The LOP and LON input
pins must be ac-coupled. This is achieved on the evaluation
board via a Mini-Circuits TC1-1-13+ balun with a 1:1 impedance
ratio. When not in use, the LOP and LON pins can be left
unconnected.
SETTING THE FREQUENCY OF THE PLL
The frequency of the VCO/PLL, once locked, is governed by the
values programmed into the PLL registers, as follows:
fPLL = fPFD × 2 × (INT + FRAC/MOD)
where:
fPLL is the frequency at the VCO when the loop is locked.
fPFD is the frequency at the input of the phase frequency detector.
INT is the integer divide ratio programmed into Register 0.
MOD is the modulus divide ratio programmed into Register 1.
FRAC is the fractional value programmed into Register 2.
The practical lower limit of the reference input frequency is
determined by the combination of the desired fPLL and the maximum
programmable integer divide ratio of 119 and reference input
frequency multiplier of 2. For a maximum fPLL of 4200 MHz,
fREF > ~fPLL/(fPFD × 2 × 2), or 8.8 MHz.
A lock detect signal is available as one of the selectable outputs
through the MUXOUT pin, with logic high signifying that the
loop is locked.
REGISTER PROGRAMMING
Because Register 6 controls the powering of the VCO and
charge pump, it must be programmed once before programming
the PLL frequency (Register 0, Register 1, and Register 2).
The registers should be programmed starting with the highest
register (Register 7) first and then sequentially down to Register 0
last. When Register 0, Register 1, or Register 2 is programmed,
an internal VCO calibration is initiated that must execute when
the other registers are set. Therefore, the order must be Register 7,
Register 6, Register 5, Register 4, Register 3, Register 2, Register 1,
and then Register 0. Whenever Register 0, Register 1, or Register 2
is written to, it initializes the VCO calibration (even if the value
in these registers does not change). After the device has been
powered up and the registers configured for the desired mode of
operation, only Register 0, Register 1, or Register 2 must be
programmed to change the LO frequency.
If none of the register values is changing from their defaults,
there is no need to program them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com